Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9N80K5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW9N80K5
Description  N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW9N80K5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW9N80K5 Datasheet HTML 8Page - STMicroelectronics STW9N80K5 Datasheet HTML 9Page - STMicroelectronics STW9N80K5 Datasheet HTML 10Page - STMicroelectronics STW9N80K5 Datasheet HTML 11Page - STMicroelectronics STW9N80K5 Datasheet HTML 12Page - STMicroelectronics STW9N80K5 Datasheet HTML 13Page - STMicroelectronics STW9N80K5 Datasheet HTML 14Page - STMicroelectronics STW9N80K5 Datasheet HTML 15Page - STMicroelectronics STW9N80K5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STP9N80K5, STW9N80K5
Package information
DocID028461 Rev 3
13/16
4.2
TO-247 package information
Figure 22: TO-247 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com