Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34TR Datasheet(PDF) 78 Page - STMicroelectronics

Part # STPM34TR
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STPM34TR Datasheet HTML 74Page - STMicroelectronics STPM34TR Datasheet HTML 75Page - STMicroelectronics STPM34TR Datasheet HTML 76Page - STMicroelectronics STPM34TR Datasheet HTML 77Page - STMicroelectronics STPM34TR Datasheet HTML 78Page - STMicroelectronics STPM34TR Datasheet HTML 79Page - STMicroelectronics STPM34TR Datasheet HTML 80Page - STMicroelectronics STPM34TR Datasheet HTML 81Page - STMicroelectronics STPM34TR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 121 page
background image
Application design and calibration
STPM32, STPM33, STPM34
78/121
DS10272 Rev 8
9
Application design and calibration
The choice of external components in the transduction section of the application is a crucial
point in the application design, affecting the precision and the resolution of the whole
system. A compromise has to be found among the following needs:
1.
Maximizing signal-to-noise ratio in the voltage and current channel
2.
Choosing current-to-voltage conversion ratio kS and the voltage divider ratio in a way
that calibration can be achieved for a given constant pulse CP
3.
Choosing kS to take advantage of the whole current dynamic range according to
desired maximum current and resolution
In this section, the rules for a good application design are described. After the design phase,
any tolerance of the real components from these values or device internal parameter drift
can be compensated through calibration.
Please refer to Section 8.4.6 on page 48 and Section 8.4.7 on page 50 for device basic
calculations.
9.1
Application design
To reach CP target output constant pulse at default LPW value, the analog front end
component choice has to depend on:
value of R1 voltage divider resistor, given R2 and kS current sensor sensitivity
kS given R1 and R2 voltage divider resistors
Calculations for these two methods are developed below:
First method: constant kS
Given R2 (smaller voltage divider resistor), kS (current sensor sensitivity) and the target
meter constant pulse CP (pulses/kWh) as input of the calculations, the value of the voltage
divider resistor R1 comes from the following formula:
Equation 23
Second method: constant R1
Given R1, R2 (voltage divider resistors) and CP target meter constant pulse (pulses/kWh) as
input of the calculations, the value of kS current sensor comes from the following formula:
Equation 24
Note:
The resistor (the former) or the current channel sensor sensitivity (the latter) must be
chosen as closer as possible to the target; small tolerance is compensated by the
calibration, to reach the target constant pulse CP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com