Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34TR Datasheet(PDF) 109 Page - STMicroelectronics

Part # STPM34TR
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STPM34TR Datasheet HTML 105Page - STMicroelectronics STPM34TR Datasheet HTML 106Page - STMicroelectronics STPM34TR Datasheet HTML 107Page - STMicroelectronics STPM34TR Datasheet HTML 108Page - STMicroelectronics STPM34TR Datasheet HTML 109Page - STMicroelectronics STPM34TR Datasheet HTML 110Page - STMicroelectronics STPM34TR Datasheet HTML 111Page - STMicroelectronics STPM34TR Datasheet HTML 112Page - STMicroelectronics STPM34TR Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 121 page
background image
DS10272 Rev 8
109/121
STPM32, STPM33, STPM34
Register map
121
10.3
UART/SPI registers
24
V2 status
Secondary voltage sigma-delta bitstream stuck
0
25
Secondary voltage period error
0
26
Secondary voltage sag detected
0
27
Secondary voltage sag end
0
28
Secondary voltage swell detected
0
29
Secondary voltage swell end
0
30
Tamper
Tamper on secondary
0
31
Tamper or wrong connection
0
Table 61. Row 17, DSP status register 2 (DSP_SR2) (continued)
Bit
Internal signal
Description
Default
Table 62. Row 18, UART/SPI control register 1 (US_REG1)
Bit
Internal signal
Description
Default
[7:0]
CRCpolynomial
UART/SPI polynomial for CRC calculus (SMBus default
polynomial used: x8+x2+x+1)
0x07
8
Noise detection
enable
UART noise immunity feature enabled
0x0
9
Break on error
UART break feature enabled
0x0
[13:10] -
Reserved
0x0
14
CRCenable
8-bit CRC enable (5th packet required in each transmission)
0x1
15
LSBfirst
0: big-endian, 1: little-endian
0x0
[23:16] Time out
Time out (ms)
0x0
[31:24] -
Reserved
0x0
Table 63. Row 19, UART/SPI control register 2 (US_REG2)
Bit
Internal signal
Description
Default
[15:0] Baud rate
Defaulted to 9600 baud
0x683
[23:16] Frame delay
Frame delay
0x0
[31:24] -
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com