Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485LV Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR485LV
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485LV Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR485LV Datasheet HTML 14Page - STMicroelectronics STR485LV Datasheet HTML 15Page - STMicroelectronics STR485LV Datasheet HTML 16Page - STMicroelectronics STR485LV Datasheet HTML 17Page - STMicroelectronics STR485LV Datasheet HTML 18Page - STMicroelectronics STR485LV Datasheet HTML 19Page - STMicroelectronics STR485LV Datasheet HTML 20Page - STMicroelectronics STR485LV Datasheet HTML 21Page - STMicroelectronics STR485LV Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
8.1
DFN10 package information
Figure 21. DFN10 package outline
Table 11. DFN10 package mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.55
0.65
0.80
A3
0.20
b
0.18
0.25
0.30
D
2.85
3.00
3.15
D2
2.20
2.70
E
2.85
3.00
3.15
E2
1.40
1.75
e
0.50
L
0.30
0.40
0.50
ddd
0.08
Note:
VFDFPN stands for thermally enhanced very thin fine pitch dual flat packages. No lead. Very thin: 0.80 mm < A
≤ 1.00 mm / fine pitch: e < 1.00 mm
STR485
DFN10 package information
DS12713 - Rev 1
page 18/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com