Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCR3DM
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR3DM Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM Datasheet HTML 9Page - Toshiba Semiconductor TCR3DM Datasheet HTML 10Page - Toshiba Semiconductor TCR3DM Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TCR3DM series
2017-06-20
7
Representative Typical Characteristics
Output Voltage vs. Input Voltage
Output Voltage vs. Output Current
1.7
1.8
1.9
0
50
100
150
200
250
300
0.9
1.0
1.1
0
50
100
150
200
250
300
VOUT=1.0V
VOUT=1.8V
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
VIN = 2.8 V,
CIN = 1
μF, C
OUT = 1
μF
VIN = 2.0 V,
CIN = 1
μF, C
OUT = 1
μF
Output current
IOUT
(mA)
Output current
IOUT
(mA)
Input voltage
VIN
(V)
Input voltage
VIN
(V)
Input voltage
VIN
(V)
Input voltage
VIN
(V)
VOUT=1.0V
VOUT=1.8V
VOUT=2.5V
CIN = 1
μF, C
OUT = 1
μF
IOUT = 300mA
CIN = 1
μF, C
OUT = 1
μF
CIN = 1
μF, C
OUT = 1
μF
VOUT=3.0V
CIN = 1
μF, C
OUT = 1
μF
IOUT = 300mA
IOUT = 300mA
IOUT = 300mA
IOUT = 50mA
IOUT = 1mA
IOUT = 50mA
IOUT = 1mA
IOUT = 50mA
IOUT = 1mA
IOUT = 50mA
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com