Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DF12 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR3DF12
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF12 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR3DF12 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TCR3DF series
2013-11-15
4
Electrical Characteristics
(Unless otherwise specified, VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 1.0 µF, COUT = 1.0 µF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage accuracy
VOUT
IOUT = 50 mA (Note 3)
VOUT <1.8 V
-18
+18
mV
1.8V <= VOUT
-1.0
+1.0
%
Input voltage
VIN
IOUT = 300 mA
1.8
5.5
V
Line regulation
Reg・line VOUT + 0.5 V
<= VIN <= 5.5 V,
IOUT = 1 mA
1
15
mV
Load regulation
Reg・load 1 mA <= IOUT <= 300 mA
30
50
mV
Quiescent current
IB
IOUT = 0 mA
VOUT = 1.0V
65
µ
A
VOUT = 1.8V
65
VOUT = 2.5V
68
VOUT = 4.5V
78
125
Stand-by current
IB (OFF) VCT = 0 V
0.1
1
µ
A
Drop-out voltage
VIN-VOUT IOUT = 300 mA (Note 4)
230
310
mV
Temperature coefficient
TCVO
−
40°C <= Topr <= 85°C
75
ppm/°C
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz, Ta = 25°C (Note 5)
38
µ
Vrms
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f = 1 kHz, VRipple = 500 mVp-p,
Ta = 25°C (Note 4)
70
dB
Load transient response
⊿
VOUT IOUT = 1⇔300mA, COUT = 1.0 µF
±85
mV
Control voltage (ON)
VCT (ON)
1.0
5.5
V
Control voltage (OFF)
VCT (OFF)
0
0.4
V
Note 3: Stable state with fixed IOUT condition.
Note 4: The 2.5 V output product.
Drop-out voltage
(IOUT = 300 mA, CIN = 1.0 µF, COUT = 1.0 µF, Tj = 25°C)
Output voltages
Symbol
Min
Typ.
Max
Unit
1.0 V, 1.05 V
VIN-VOUT
610
770
mV
1.1 V, 1.15 V
570
670
1.2 V, 1.25 V
510
620
1.3 V
470
570
1.4 V
410
540
1.5 V <= VOUT < 1.8 V
370
470
1.8 V <= VOUT < 2.1 V
290
400
2.1 V <= VOUT < 2.5 V
260
350
2.5 V <= VOUT < 2.8 V
230
310
2.8 V <= VOUT < 3.2 V
220
270
3.2 V <= VOUT < 3.6 V
200
250
3.6 V <= VOUT <= 4.5 V
170
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com