Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DF13 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR3DF13
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DF13 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR3DF13 Datasheet HTML 1Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 2Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 3Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 4Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 5Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DF13 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TCR3DF series
2013-11-15
3
List of Products Number, Output voltage and Marking
Please ask your local retailer about the devices with other output voltages.
Top Marking (top view)
Product No.
Output voltage(V)
Marking
Product No.
Output voltage(V)
Marking
TCR3DF10
1.0
1P0
TCR3DF275
2.75
2PF
TCR3DF105
1.05
1PA
TCR3DF28
2.8
2P8
TCR3DF11
1.1
1P1
TCR3DF285
2.85
2PD
TCR3DF12
1.2
1P2
TCR3DF29
2.9
2P9
TCR3DF125
1.25
1PC
TCR3DF295
2.95
2PE
TCR3DF13
1.3
1P3
TCR3DF30
3.0
3P0
TCR3DF15
1.5
1P5
TCR3DF31
3.1
3P1
TCR3DF17
1.7
1P7
TCR3DF32
3.2
3P2
TCR3DF18
1.8
1P8
TCR3DF33
3.3
3P3
TCR3DF185
1.85
1PF
TCR3DF335
3.35
3PD
TCR3DF19
1.9
1P9
TCR3DF36
3.6
3P6
TCR3DF24
2.4
2P4
TCR3DF39
3.9
3P9
TCR3DF25
2.5
2P5
TCR3DF40
4.0
4P0
TCR3DF27
2.7
2P7
TCR3DF45
4.5
4P5
Example: TCR3DF33 (3.3 V output)
3 P 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com