Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM285 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TCR3DM285
Description  300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM285 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TCR3DM285 Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 9Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 10Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 11Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 12Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 13Page - Toshiba Semiconductor TCR3DM285 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TCR3DM series
2017-06-20
11
Load Transient Response
Time
t
(50
μs/div)
VIN = 2.0 V,
CIN = 1
μF, C
OUT = 1
μF
0
200
400
1.0
1.1
0.9
VOUT=1.8V
(IOUT = 1mA ⇔ 300mA)
VIN = 2.8 V,
CIN = 1
μF, C
OUT = 1
μF
Time
t
(50
μs/div)
VOUT=1.0V
(IOUT = 1mA ⇔ 300mA)
0
200
400
1.8
1.9
1.7
VOUT=3.0V
(IOUT = 1mA ⇔ 300mA)
0
200
400
3.0
3.1
2.9
Time
t
(50
μs/div)
VIN = 4.0 V,
CIN = 1
μF, C
OUT = 1
μF
0
200
400
2.5
2.6
2.4
Time
t
(50
μs/div)
VIN = 3.5 V,
CIN = 1
μF, C
OUT = 1
μF
VOUT=2.5V
(IOUT = 1mA ⇔ 300mA)
VIN=3.5V
Output current
IOUT
(mA)
VOUT=2.5V
VIN=4.0V
VOUT=3.0V
5.5V
Output current
IOUT
(mA)
Pulse width= 1ms
Pulse width= 1ms
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com