Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROS-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ROS-2000
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  ROS-2000 Datasheet HTML 1Page - Mini-Circuits ROS-2000 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
13V
Absolute Max. Tuning Voltage (Vtune)
22V
All specifications
50 ohm system
REV. J
M160468
EDR-10960MP
ROS-2000+
MCL/RAV
170305
Page 1 of 2
Electrical Specifications
ROS-2000+
Pin Connections
RF OUT
10
VCC
14
V-TUNE
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
MODEL
FREQ.
POWER
PHASE NOISE
TUNING
NON
HARMONICS PULLING PUSHING
DC
NO.
(MHz)
OUTPUT dBc/Hz SSB at offset
HARMONIC
(dBc)
pk-pk
(MHz/V)
OPERATING
(dBm)
frequencies,kHz
VOLTAGE SENSI- PORT
3 dB
SPURIOUS
@12 dBr
POWER
RANGE TIVITY CAP MODULATION
(dBc)
(MHz)
Typ.
(V)
(MHz/V) (pF)
BANDWIDTH
Vcc Current
(MHz)
(volts) (mA)
Min. Max.
Typ.
1
10 100 1000 Min. Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
Typ.
Max.
ROS-2000+ 1350 2000
+7
-73 -99 -120 -140
0.5 20.0 36-53
25
180
-90
-20
-
6
0.5
12
30
Voltage Controlled Oscillator
Wide Band
1350 to 2000 MHz
Surface Mount
CASE STYLE: CK605
• PCS
• DCS
Applications
• wide frequency range, 1350 to 2000 MHz
• low phase noise, -140 dBc/Hz at 1 MHz offset, typ.
• linear tuning, 36-53 MHz/V
• aqueous washable
• protected by US patent 6,549,084
Features
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
wt.
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060 .100 .135 .135 .115 .140 .070 .150 .070 grams
12.70 12.70 4.57 2.54 2.03 2.92 1.52 1.02 13.72 1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81 1.78
1.0
Demo Board MCL P/N: TB-10
Suggested PCB Layout (PL-012)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
METALLIZATION
SOLDER RESIST


Similar Part No. - ROS-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-2000-1419 MINI-ROS-2000-1419 Datasheet
214Kb / 2P
Voltage Controlled Oscillator
REV. A
ROS-2000-1419+ MINI-ROS-2000-1419+ Datasheet
214Kb / 2P
Voltage Controlled Oscillator
REV. A
ROS-2000-1619 MINI-ROS-2000-1619 Datasheet
208Kb / 2P
Voltage Controlled Oscillator
REV. A
ROS-2000-1619+ MINI-ROS-2000-1619+ Datasheet
208Kb / 2P
Voltage Controlled Oscillator
REV. A
More results

Similar Description - ROS-2000

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com