Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1210 Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1210
Description  12 A Snubberless™, logic level and standard Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1210 Datasheet(HTML) 5 Page - STMicroelectronics

  T1210 Datasheet HTML 1Page - STMicroelectronics T1210 Datasheet HTML 2Page - STMicroelectronics T1210 Datasheet HTML 3Page - STMicroelectronics T1210 Datasheet HTML 4Page - STMicroelectronics T1210 Datasheet HTML 5Page - STMicroelectronics T1210 Datasheet HTML 6Page - STMicroelectronics T1210 Datasheet HTML 7Page - STMicroelectronics T1210 Datasheet HTML 8Page - STMicroelectronics T1210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 5. On-state characteristics (maximum values)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 35 m
j
to
d
Ω
T =
j
T max.
j
T = 25°C
j
.
Figure 6. Surge peak on-state current versus number of
cycles
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Numb er o
f cycles
t=20ms
One cycle
Non repetitive
T initial = 25°C
j
Repetitive
T = 90°C
C
ITSM(A)
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse
0.01
0.10
1.00
10.00
10
100
1000
T initial = 25°C
j
ITSM
dI/dt limitation:
50A/µs
ITSM(A)
tP(ms)
for a sinusoidal pulse with width tP < 10 ms
Figure 8. Relative variation of gate trigger current holding
current and latching current versus junction temperature
(typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT
IH & IL
Tj(°C)
IGT, IH, IL[Tj] / IGT, IH, IL[Tj = 25 °C]
BTA12, BTB12, T1205, T1210, T1235, T1250
Characteristics (curves)
DS2115 - Rev 12
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com