Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60RQ06W Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTH60RQ06W
Description  600 V, 60 A ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTH60RQ06W Datasheet HTML 5Page - STMicroelectronics STTH60RQ06W Datasheet HTML 6Page - STMicroelectronics STTH60RQ06W Datasheet HTML 7Page - STMicroelectronics STTH60RQ06W Datasheet HTML 8Page - STMicroelectronics STTH60RQ06W Datasheet HTML 9Page - STMicroelectronics STTH60RQ06W Datasheet HTML 10Page - STMicroelectronics STTH60RQ06W Datasheet HTML 11Page - STMicroelectronics STTH60RQ06W Datasheet HTML 12Page - STMicroelectronics STTH60RQ06W Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
03-Apr-2018
1
Initial release.
02-Mar-2020
2
Added DO-247 LL package information.
30-Mar-2020
3
Updated Figure 1, Figure 2, Figure 3 and Figure 4.
STTH60RQ06
DS12515 - Rev 3
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com