Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0910 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0910
Description  Multi-standard advanced dual demodulator for satellite digital TV broadcast set-top boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0910 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0910 Datasheet HTML 1Page - STMicroelectronics STV0910 Datasheet HTML 2Page - STMicroelectronics STV0910 Datasheet HTML 3Page - STMicroelectronics STV0910 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
STV0910
2/4
Doc ID 024009 Rev 1
Overview
The STV0910 features a high-speed DVBS2 forward error corrector (FEC) which is
designed to handle up to 270 channel-Mbits/s at its input. To feed the FEC the STV0910
implements two identical demodulators, each capable of handling QPSK legacy and DVBS2
modulation for satellite broadcast services.
The STV0910 integrates all the features needed to provide a low cost dual broadcast
satellite receiver solution including: integrated crystal oscillator, dual DiSEqC controller, dual
tuner I2C repeater, FSK modem, ancillary DACs and ADCs and many unattributed general
purpose input output ports for peripheral control.
Advanced power saving features have been implemented, the LDPC stops once the
solution is sufficiently converged and the various blocks of the IC (demodulator, LDPC,
Legacy FEC, and so on) may be completely shut down if not required.
Features copied from 0913
Benefits
Multi-standard dual demodulation and decoding.
Allows an advanced, high-end set-top box or
receiver to be compatible with multiple markets
and legacy installations and so assists migration
to the advanced services.
SuperFEC™
For enhanced legacy QPSK performance.
Multi-tap equalizer.
Improves reception in poor RF group-delay and
reflection conditions (narrow transponders,
SMATV installations, poor connectors,
unterminated branched cables).
DVB common interface compliant.
Allows interface to DVB-CI+ module for decoding
encrypted content.
I2C serial bus interface, including private repeater
for tuner.
Private repeater isolates the (sensitive) RF tuner
from potential digital noise from the host
processor.
Fine-grained power management.
Allows power to be reduced according to usage
and standby strategy.
Best-in-class, low-power standby mode.
To meet emerging energy standards for STBs.
I
ntegrated DiSEqC 2.x 22-kHz and FSK
interfaces.
Reduces BoM cost whilst maintaining flexibility in
antenna control.
JTAG interface for boundary scan.
Allows simple and thorough board testing in
production.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com