Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWA3N170 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STWA3N170
Description  N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA3N170 Datasheet(HTML) 3 Page - STMicroelectronics

  STWA3N170 Datasheet HTML 1Page - STMicroelectronics STWA3N170 Datasheet HTML 2Page - STMicroelectronics STWA3N170 Datasheet HTML 3Page - STMicroelectronics STWA3N170 Datasheet HTML 4Page - STMicroelectronics STWA3N170 Datasheet HTML 5Page - STMicroelectronics STWA3N170 Datasheet HTML 6Page - STMicroelectronics STWA3N170 Datasheet HTML 7Page - STMicroelectronics STWA3N170 Datasheet HTML 8Page - STMicroelectronics STWA3N170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STW3N170, STWA3N170
Electrical ratings
DocID028045 Rev 1
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
1700
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at Tcase = 25 °C
2.6
A
Drain current (continuous) at Tcase = 100 °C
1.6
IDM(1)
Drain current (pulsed)
10.4
A
PTOT
Total dissipation at Tcase = 25 °C
160
W
IAR
Avalanche current, repetitive or not repetitive
0.8
A
EAS(2)
Single pulse avalanche energy
2
mJ
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
Notes:
(1) Pulse width limited by Tjmax.
(2) starting Tj = 25 °C, ID = IAR, VDD = 50 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.78
°C/W
Rthj-amb
Thermal resistance junction-ambient
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com