Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW70N65DM6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW70N65DM6
Description  N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW70N65DM6 Datasheet(HTML) 4 Page - STMicroelectronics

  STW70N65DM6 Datasheet HTML 1Page - STMicroelectronics STW70N65DM6 Datasheet HTML 2Page - STMicroelectronics STW70N65DM6 Datasheet HTML 3Page - STMicroelectronics STW70N65DM6 Datasheet HTML 4Page - STMicroelectronics STW70N65DM6 Datasheet HTML 5Page - STMicroelectronics STW70N65DM6 Datasheet HTML 6Page - STMicroelectronics STW70N65DM6 Datasheet HTML 7Page - STMicroelectronics STW70N65DM6 Datasheet HTML 8Page - STMicroelectronics STW70N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ISD
Source-drain current
-
68
A
ISDM (1)
Source-drain current
(pulsed)
-
260
A
VSD (2) Forward on voltage
VGS = 0 V, ISD = 68 A
-
1.6
V
trr
Reverse recovery
time
ISD = 68 A, di/dt = 100 A/μs, VDD = 60 V, (see Figure 15)
-
17
-
ns
Qrr
Reverse recovery
charge
-
1.08
-
µC
IRRM
Reverse recovery
current
-
12.7
-
A
trr
Reverse recovery
time
ISD = 68 A, di/dt = 100 A/μs, VDD = 60 V, TJ = 150 °C
(see Figure 15)
-
308
-
ns
Qrr
Reverse recovery
charge
-
4.16
-
µC
IRRM
Reverse recovery
current
-
27
-
A
1. Pulse width is limited by safe operating area
2. Pulsed: pulse duration = 300 μs, duty cycle 1.5%
STW70N65DM6, STWA70N65DM6
Electrical characteristics
DS12313 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com