Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX13005-AP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STX13005-AP
Description  High voltage fast-switching NPN power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13005-AP Datasheet(HTML) 4 Page - STMicroelectronics

  STX13005-AP Datasheet HTML 1Page - STMicroelectronics STX13005-AP Datasheet HTML 2Page - STMicroelectronics STX13005-AP Datasheet HTML 3Page - STMicroelectronics STX13005-AP Datasheet HTML 4Page - STMicroelectronics STX13005-AP Datasheet HTML 5Page - STMicroelectronics STX13005-AP Datasheet HTML 6Page - STMicroelectronics STX13005-AP Datasheet HTML 7Page - STMicroelectronics STX13005-AP Datasheet HTML 8Page - STMicroelectronics STX13005-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STX13005
4/13
Doc ID 9151 Rev 6
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE =700 V
VCE =700 V TC = 125°C
1
5
mA
mA
ICEO
Collector-cut-off current
(IB = 0)
VCE = 400 V
1mA
V(BR)EBO
Emitter base breakdown
voltage
(IC = 0)
IE = 10 mA
918
V
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2 %
Collector-emitter
sustaining voltage
(IB = 0)
IC =10 mA
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1A
_ IB = 200 mA
IC = 2A
_ _ IB = 500 mA
IC = 3A
_ _ IB = 750 mA
0.5
0.6
5
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1A
_ IB = 200 mA
IC = 2A
_ _ IB = 500 mA
1.2
1.6
V
V
hFE
(1)
DC current gain
IC = 1 A
_
VCE = 5 V
IC = 2 A
_ _
VCE = 5 V
10
8
30
24
ts
tf
Resistive load
Storage time
Fall time
IC = 2 A
VCC = 125 V
IB1 = -IB2 = 400 mA
tp = 30 µs
1.65
260
µs
ns
ts
tf
Inductive load
Storage time
Fall time
IC = 1 A
Vclamp =300 V
IB1 = 200 mA VBE(off) = -5 V
L = 50 mH
RBB = 0
0.8
150
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com