Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCD-016N002V2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-016N002V2
Description  16 x 2 Character LCDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016N002V2 Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-016N002V2 Datasheet HTML 1Page - Vishay Siliconix LCD-016N002V2 Datasheet HTML 2Page - Vishay Siliconix LCD-016N002V2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-016N002V2
www.vishay.com
Vishay
Revision: 22-Jun-17
2
Document Number: 37400
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1VDD
Supply voltage for logic
2V0
Contrast adjustment
3
RS
H: data / L: instruction
4R / W
H: read data / L: write data
5E
Enable signal
6DB0
Data bus line
7DB1
Data bus line
8DB2
Data bus line
9DB3
Data bus line
10
DB4
Data bus line
11
DB5
Data bus line
12
DB6
Data bus line
13
DB7
Data bus line
14
VSS
Ground
DIMENSIONS in millimeters
3.55
2.95
0.60
0.55
Dot Size
5.2 Max. (FFC)
1.1 ± 0.1
2.7 ± 0.2
1.1 ± 0.1
0.3
0.6 (PCB)
5.0 ± 0.5
Pin 1
Pin 14
9.5
50.25 ± 0.5
25.9 ± 1.0
66.7 ± 0.3
1.0 Max.
2.85
61.0 (VA)
5.25
56.2 (AA)
10.0
(Stiffener)
Conductor Side
62.8 (PCB)
89.0 ± 1.0
3 x Ø 1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com