Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFM201610ALM-R47MTAA Datasheet(PDF) 1 Page - TDK Electronics

Part # TFM201610ALM-R47MTAA
Description  Inductors for power circuits Thin-film metal magnetic material
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFM201610ALM-R47MTAA Datasheet(HTML) 1 Page - TDK Electronics

  TFM201610ALM-R47MTAA Datasheet HTML 1Page - TDK Electronics TFM201610ALM-R47MTAA Datasheet HTML 2Page - TDK Electronics TFM201610ALM-R47MTAA Datasheet HTML 3Page - TDK Electronics TFM201610ALM-R47MTAA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20211111
(1/4)
inductor_commercial_power_tfm201610alm_en.fm
INDUCTORS
Inductors for power circuits
Thin-film metal magnetic material
TFM-ALM series
TFM201610ALM type
FEATURES
By using metal magnetic material with high Saturation magnetic flux density the excellent DC bias characteristics needed for inductors
for power circuits can be achieved.
With the same product shape and terminal structure as general chip parts it has excellent mounting stability characteristics and can also
be mounted to general-purpose land patterns.
By using a closed magnetic circuit structure leakage flux is minimized.
APPLICATION
Smart phones, tablet terminals, HDDs, SSDs, DVCs, DSCs, mobile display panels, portable game devices, compact power supply
modules, other
Application guides: Smart phones/tablets
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the initial L value)
Itemp: When based on the temperature increase (temperature increase of 40°C by self heating)
Measurement equipment
* Equivalent measurement equipment may be used.
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
 Operating temperature range includes self-temperature rise.
 The storage temperature range is for after the assembly.
TFM
201610
ALM
-
R47
M
T
AA
Series name
L×W×H dimensions
Characteristic
type
Inductance
Inductance
tolerance
Packaging style
Internal code
2.0×1.6×1.0 mm
(µH)
L
L measuring
frequency
DC resistance
Rated current
Part No.
Isat
Itemp
(µH)
Tolerance
(MHz)
(m
 )max. (m )typ.
(A)max.
(A)typ.
(A)max.
(A)typ.
0.47
±20%
1.0
34
28
5.1
5.8
4.5
5.0
TFM201610ALM-R47MTAA
1.0
±20%
1.0
56
50
3.9
4.3
3.1
3.4
TFM201610ALM-1R0MTAA
2.2
±20%
1.0
146
130
2.4
2.6
1.9
2.1
TFM201610ALM-2R2MTAA
Measurement item
Product No.
Manufacturer
L
4294A
Keysight Technologies
DC resistance
Digital Milliohm Meter
Rated current Isat
4285A+42841A+42842C
Keysight Technologies
Operating temperature range
Storage temperature range
Individual weight
–40 to +125 °C
–40 to +85 °C
18 mg
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - TFM201610ALM-R47MTAA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFM201610ALM-R47MTAA TDK-TFM201610ALM-R47MTAA Datasheet
119Kb / 9P
Thin-film Metal
More results

Similar Description - TFM201610ALM-R47MTAA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM3012 TDK-SPM3012 Datasheet
3Mb / 25P
Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
SPM6530T-1R0M120 TDK-SPM6530T-1R0M120 Datasheet
3Mb / 25P
Inductors for Power Circuits Wound Metallic Magnetic Material
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
THIN FILM INDUCTORS
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
Thin-film Metal
TFM201610GHM-2R2MTAA TDK-TFM201610GHM-2R2MTAA Datasheet
119Kb / 9P
Thin-film Metal
SPM3012T-1R0M TDK-SPM3012T-1R0M_16 Datasheet
104Kb / 9P
Inductors for Power Circuits Wound Metallic Magnetic Material
logo
Samsung semiconductor
CIGT252010EH1R0MNE SAMSUNG-CIGT252010EH1R0MNE Datasheet
214Kb / 3P
Metal Composite Power Inductor (Thin Film)
logo
TDK Electronics
TFM160808ALC TDK-TFM160808ALC Datasheet
170Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20211102
TFM201610GHM TDK-TFM201610GHM Datasheet
173Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20211111
TFM252012ALMA TDK-TFM252012ALMA Datasheet
183Kb / 4P
Inductors for power circuits Thin-film metal magnetic material
20200823
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com