Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRM2012 Datasheet(PDF) 5 Page - TDK Electronics

Part # AVRM2012
Description  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRM2012 Datasheet(HTML) 5 Page - TDK Electronics

  AVRM2012 Datasheet HTML 1Page - TDK Electronics AVRM2012 Datasheet HTML 2Page - TDK Electronics AVRM2012 Datasheet HTML 3Page - TDK Electronics AVRM2012 Datasheet HTML 4Page - TDK Electronics AVRM2012 Datasheet HTML 5Page - TDK Electronics AVRM2012 Datasheet HTML 6Page - TDK Electronics AVRM2012 Datasheet HTML 7Page - TDK Electronics AVRM2012 Datasheet HTML 8Page - TDK Electronics AVRM2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(5/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
PRODUCT CHARACTERISTICS LIST
AVR/SGNE series Product characteristics list
Item
V (1mA)
C1kHz
*C1MHz
Vdc
Clamping
voltage
8/20µs
Maximum
energy
10/1000µs
Maximum
peak current
8/20µs
Operating
temperature
range
IEC61000-4-2
(Contact)
AEC-Q200
(V)
(pF)
DC (V)
Vcl (V)
E (J)
Ip (A)
(°C)
150pF/330
AVRL041E1R1NTA
39(31.2 to 46.8)
1.1(0.8 to 1.4)*
25
—
—
—
–40 to +85
4kV (Level2)
AVRM0402C120MT330N
12(9.6 to 14.4)
33(23.1 to 42.9)
5.5
20(1A)
0.005
1
–40 to +85
8kV (Level4)
AVRM0402C6R8NT101N
6.8(4.76 to 8.84)
100(70 to 130)
3.5
15(1A)
0.01
4
–40 to +85
8kV (Level4)
SGNE04C080MT150N25
8(6.4 to 9.6)
15(10.5 to 19.5)
5.5
21(1A)
0.005
1
–40 to +85
8kV (Level4)
AVRL061E1R1NTA
39(35.0 to 43.0)
1.1(0.8 to 1.4)*
25
—
—
—
–40 to +85
4kV (Level2)
AVRL061FR50ETA
140(112 to 168)
0.5(0.3 to 0.7)*
30
—
—
—
–40 to +85
4kV (Level2)
AVRM0603C080MT101N
8(6.4 to 9.6)
100(70 to 130)
5.5
17(1A)
0.01
4
–40 to +85
8kV (Level4)
AVRM0603C120MT101N
12(9.6 to 14.4)
100(70 to 130)
5.5
20(1A)
0.01
5
–40 to +85
8kV (Level4)
AVRM0603C120MT150N
12.8(10.0 to 15.6)
15(10.5 to 19.5)
5.5
35(1A)
0.003
1
–40 to +85
8kV (Level4)
AVR-M0603C120MTAAB
12(9.6 to 14.4)
33(23.1 to 42.9)
7.5
23(1A)
0.01
1
–40 to +85
8kV (Level4)
AVRM0603C200MT150N
20(16 to 24)
15(10.5 to 19.5)*
12
40(1A)
0.01
1
–40 to +85
8kV (Level4)
AVRM0603C6R8NT101N
6.8(4.76 to 8.84)
100(70 to 130)
3.5
14(1A)
0.01
10
–40 to +85
8kV (Level4)
AVRM0603C6R8NT331N
6.8(4.76 to 8.84)
330(231 to 429)
3.5
14(1A)
0.02
16
–40 to +85
8kV (Level4)
SGNE06C080MT150N25
8(6.4 to 9.6)
15(10.5 to 19.5)
5.5
21(1A)
0.005
1
–40 to +85
8kV (Level4)
SGNE06C270MT6R8G60
27(21.6 to 32.4)
6.8(4.8 to 8.8)*
15
54(1A)
0.005
1
–40 to +85
8kV (Level4)
AVRL101A1R1NTA
90(79.6 to 110.4)
1.1(0.8 to 1.4)*
10
—
—
—
–40 to +85
8kV (Level4)
AVRL101E1R1NTB
39(31.2 to 46.8)
1.1(0.8 to 1.4)*
25
—
—
—
–40 to +85
4kV (Level2)
AVRL101D3R3FTA
27(21.6 to 32.4)
3.3(2.3 to 4.3)*
20
62(0.5A)
0.01
0.5
–40 to +125
8kV (Level4)
✔
AVRL101D6R8GTA
27(21.6 to 32.4)
6.8(4.8 to 8.8)*
20
58(1A)
0.01
1
–40 to +125
8kV (Level4)
✔
AVR-M1005C080MTAAB
8(6.4 to 9.6)
650(520 to 780)
5.5
14(1A)
0.04
25
–40 to +85
8kV (Level4)
AVR-M1005C080MTABB
8(6.4 to 9.6)
100(55 to 145)
5.5
15(1A)
0.02
3
–40 to +85
8kV (Level4)
AVR-M1005C080MTACB
8(6.4 to 9.6)
33(14 to 52)
5.5
19(1A)
0.01
1
–40 to +85
8kV (Level4)
AVR-M1005C080MTADB
8(6.4 to 9.6)
480(384 to 576)
5.5
14(1A)
0.04
25
–40 to +85
8kV (Level4)
AVR-M1005C120MTAAB
12(9.6 to 14.4)
130(104 to 156)
7.5
20(1A)
0.05
10
–40 to +85
8kV (Level4)
AVR-M1005C120MTACC
12(9.6 to 14.4)
460(276 to 644)*
7.5
21(1A)
0.01
24
–40 to +85
8kV (Level4)
AVR-M1005C180MTAAB
18(14.4 to 21.6)
120(72 to 168)*
11
30(1A)
0.06
16
–40 to +85
8kV (Level4)
AVRM1005C270KT101N
27(24.0 to 30.0)
100(70 to 130)
19
44(1A)
0.06
4
–40 to +85
8kV (Level4)
AVR-M1005C270MTAAB
27(21.6 to 32.4)
40(30 to 48)
15
47(1A)
0.04
47
–40 to +85
8kV (Level4)
AVR-M1005C270MTABB
27(21.6 to 32.4)
15(10.5 to 19.5)
15
49(1A)
0.05
1
–40 to +85
8kV (Level4)
AVRM1005C6R8NT101N
6.8(4.76 to 8.84)
100(70 to 130)
3.5
14(1A)
0.02
10
–40 to +85
8kV (Level4)
AVRM1005C6R8NT331N
6.8(4.76 to 8.84)
330(231 to 429)
3.5
15(1A)
0.008
24
–40 to +85
8kV (Level4)
SGNE10C080MT150N28
8(6.4 to 9.6)
15(10.5 to 19.5)
5.5
21V(1A)
0.01
19
–40 to +85
8kV (Level4)
AVRH10C270KT150NA8
27(24.0 to 30.0)
15(10.5 to 19.5)
19
52(2A)
0.02
2
–55 to +150
25kV
✔
AVRH10C270KT350NA8
27(24.0 to 30.0)
35(24.5 to 45.5)
19
52(2A)
0.02
8
–55 to +150
25kV
✔
AVRH10C390KT500NA8
39(35.0 to 43.0)
50(35 to 65)
28
72(2A)
0.02
15
–55 to +150
25kV
✔
AVRH10C101KT4R7FA8
100(90 to 110)
4.7(3.7 to 5.7)*
70
190(1A)
0.03
1
–55 to +150
25kV
✔
AVRH10C101KT1R1NE8
110(100 to 120)
1.1(0.8 to 1.4)*
70
190 (0.3A)
0.01
0.3
–55 to +150
8kV (Level4)
✔
AVRH10C221KT1R5YA8
220 (198 to 242)
1.5(1.37 to 1.63)*
70
400 (0.5A)
0.01
0.5
–55 to +150
25kV
AVRL161A1R1NTA
90(79.6 to 110.4)
1.1(0.8 to 1.4)*
10
—
—
—
–40 to +85
8kV (Level4)
AVRL161A1R1NTB
39(31.2 to 46.8)
1.1(0.8 to 1.4)*
10
—
—
—
–40 to +85
4kV (Level2)
AVRL161D3R3FTA
27(21.6 to 32.4)
3.3(2.3 to 4.3)*
20
62(0.5A)
0.01
0.5
–40 to +125
8kV (Level4)
✔
AVRL161D6R8GTA
27(21.6 to 32.4)
6.8(4.8 to 8.8)*
20
58(1A)
0.01
1
–40 to +125
8kV (Level4)
✔
AVR-M1608C080MTAAB
8(6.4 to 9.6)
650(520 to 780)
5.5
15(2A)
0.09
30
–40 to +85
8kV (Level4)
AVR-M1608C120MT2AB
12(9.6 to 14.4)
400(320 to 480)
7.5
20(2A)
0.06
15
–40 to +85
8kV (Level4)
AVR-M1608C120MT6AB
12(9.6 to 14.4)
1050(840 to 1260)
7.5
20(2A)
0.09
50
–40 to +85
8kV (Level4)
AVR-M1608C180MT6AB
18(14.4 to 21.6)
600(480 to 720)
11
30(2A)
0.10
30
–40 to +85
8kV (Level4)
AVR-M1608C220KT2AB
22(19.8 to 24.2)
210(147 to 273)
16
37(2A)
0.03
10
–40 to +125
25kV
✔
AVR-M1608C220KT6AB
22(19.8 to 24.2)
560(392 to 728)
16
34(2A)
0.10
30
–40 to +125
25kV
✔
AVR-M1608C270MTABB
27(21.6 to 32.4)
15(10.5 to 19.5)
17
52(2A)
0.05
2
–55 to +150
25kV
✔
AVR-M1608C270MTAAB
27(21.6 to 32.4)
30(21 to 39)
17
52(2A)
0.05
2
–55 to +150
25kV
✔
AVR-M1608C270KTACB
27(24.0 to 30.0)
60(42 to 78)
19
54(2A)
0.05
10
–55 to +150
25kV
✔
AVRM1608C270KT800M
27(24.0 to 30.0)
80(64 to 96)
19
53(2A)
0.02
28
–55 to +150
25kV
✔
AVR-M1608C270KT2AB
27(24.0 to 30.0)
160(112 to 208)
19
42(2A)
0.10
20
–55 to +150
25kV
✔
AVRM1608C270KT221M
27(24.0 to 30.0)
220(176 to 264)
19
52(2A)
0.10
40
–55 to +150
25kV
✔
AVR-M1608C270KT6AB
27(24.0 to 30.0)
430(301 to 559)
19
42(2A)
0.10
48
–55 to +150
25kV
✔
AVR-M1608G270KT6AB
27(24.0 to 30.0)
430(301 to 559)
19
42(2A)
0.10
48
–55 to +150
25kV
✔
AVRM1608C390KT271N
39(35.0 to 43.0)
270(189 to 351)
28
69(2A)
0.10
78
–55 to +150
25kV
✔
AVRM1608C560KT101M
56(50.4 to 61.6)
100(80 to 120)
40
113(2A)
0.10
60
–55 to +150
25kV
✔
AVRM1608C720KT750M
72(64.8 to 79.2)
75(60 to 90)
53
135(2A)
0.10
40
–55 to +150
25kV
✔
AVR-M2012C120MT6AB
12(9.6 to 14.4)
1000(550 to 1450)
7.5
20(5A)
0.20
60
–40 to +85
8kV (Level4)
AVR-M2012C220KT6AB
22(19.8 to 24.2)
800(560 to 1040)
16
38(5A)
0.30
100
–40 to +125
25kV
✔
AVRM2012C330KT801N
33(29.7 to 36.3)
800(560 to 1040)
24
59(5A)
0.50
240
–55 to +150
25kV
✔
AVR-M2012C390KT6AB
39(35.0 to 43.0)
430(387 to 483)
28
62(5A)
0.30
100
–55 to +150
25kV
✔
AVRM2012C560KT251M
56(50.4 to 61.6)
250(200 to 300)
40
113(5A)
0.30
150
–55 to +150
25kV
✔
AVRM2012C720KT201M
72(64.8 to 79.2)
200(160 to 240)
53
142(5A)
0.30
100
–55 to +150
25kV
✔
RoHS Directive Compliant Product
Compatible with lead-free solders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com