Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA16-600SWRG Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTA16-600SWRG
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA16-600SWRG Datasheet(HTML) 2 Page - STMicroelectronics

  BTA16-600SWRG Datasheet HTML 1Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 2Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 3Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 4Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 5Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 6Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 7Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 8Page - STMicroelectronics BTA16-600SWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
Characteristics
Table 1. Absolute maximum ratings
Symbol
Parameters
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TO-220AB, D2PAK Tc = 100 °C
16
A
TO-220AB Ins.
Tc = 86 °C
ITSM
Non repetitive surge peak on-state current (full cycle,
Tj initial = 25 °C)
F = 50 Hz
tp = 20 ms
160
A
F = 60 Hz
tp = 16.7 ms
168
I2t
I2t value for fusing
tp = 10 ms
144
A2s
dl/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VDSM/VRSM Non repetitive surge peak off-state voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM +
100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 2. Static electrical characteristics
Symbol
Test conditions
Tj
Value
Unit
VT(1)
ITM = 22.5 A, tp = 380 µs
25 °C
Max.
1.55
V
VTO(1)
threshold on-state voltage
125 °C
Max.
0.85
V
RD(1)
Dynamic resistance
125 °C
Max.
25
mΩ
IDRM/IRRM
VDRM = VRRM
25 °C
Max.
5
µA
125 °C
2
mA
1. For both polarities of A2 referenced to A1
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified) - standard (4 quadrants)
Symbol
Parameters
Quadrant
BTA16
BTB16
Unit
C
B
IGT(1)
VD = 12 V, RL = 33 Ω
I - II - III
IV
Max.
25
50
50
100
mA
VGT
All
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C
All
Min.
0.2
V
IH(2)
IT = 500 mA
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
40
60
mA
II
Max.
80
120
T1610, T1635, T1650, BTA16, BTB16
Characteristics
DS2114 - Rev 11
page 2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com