Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB16-600SWRG Datasheet(PDF) 15 Page - STMicroelectronics

Part # BTB16-600SWRG
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16-600SWRG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BTB16-600SWRG Datasheet HTML 10Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 11Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 12Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 13Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 14Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 15Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 16Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 17Page - STMicroelectronics BTB16-600SWRG Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
3.1
Product selector
Table 8. Product selector
Part Number
Sensitivity
Type
Package
600
800
BTB16-600C
35 mA
Standard
TO-220AB
BTB16-600B
BTB16-800B
50 mA
Standard
TO-220AB
BTB16-600SW
BTB16-800SW
10 mA
Snubberless™
TO-220AB
BTB16-600CW
BTB16-800CW
35 mA
Snubberless™
TO-220AB
BTB16-600BW
BTB16-800BW
50 mA
Snubberless™
TO-220AB
BTA16-600C
35 mA
Standard
TO-220AB Ins.
BTA16-600B
BTA16-800B
50 mA
Standard
TO-220AB Ins.
BTA16-600SW
BTA16-800SW
10 mA
Snubberless™
TO-220AB Ins.
BTA16-600CW
BTA16-800CW
35 mA
Snubberless™
TO-220AB Ins.
BTA16-600BW
BTA16-800BW
50 mA
Snubberless™
TO-220AB Ins.
T1610-600G
T1610-800G
10 mA
Snubberless™
D2PAK
T1635-600G
T1635-800G
35 mA
Snubberless™
D2PAK
T1650-600G
50 mA
Snubberless™
D2PAK
T1610, T1635, T1650, BTA16, BTB16
Product selector
DS2114 - Rev 11
page 15/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com