Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB16-600SW Datasheet(PDF) 13 Page - STMicroelectronics

Part # BTB16-600SW
Description  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16-600SW Datasheet(HTML) 13 Page - STMicroelectronics

Back Button BTB16-600SW Datasheet HTML 9Page - STMicroelectronics BTB16-600SW Datasheet HTML 10Page - STMicroelectronics BTB16-600SW Datasheet HTML 11Page - STMicroelectronics BTB16-600SW Datasheet HTML 12Page - STMicroelectronics BTB16-600SW Datasheet HTML 13Page - STMicroelectronics BTB16-600SW Datasheet HTML 14Page - STMicroelectronics BTB16-600SW Datasheet HTML 15Page - STMicroelectronics BTB16-600SW Datasheet HTML 16Page - STMicroelectronics BTB16-600SW Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
3
Ordering information
Figure 16. Ordering information scheme (BTA16 and BTB16 series)
BT A 16 - 600 BW (RG)
Triac
Insulation
A = Insulated
B = Non-insulated
Current
Voltage
Sensitivity and type
Packing mode
RG = Tube
16 = 16 A
600 = 600 V
800 = 800 V
B = 50 mA
C = 25 mA standard
SW = 10 mA logic level
BW = 50 mA Snubberless™
CW = 35 mA Snubberless™
T1610, T1635, T1650, BTA16, BTB16
Ordering information
DS2114 - Rev 11
page 13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com