Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2003LG Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2003LG
Description  10 W car radio audio amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003LG Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2003LG Datasheet HTML 1Page - STMicroelectronics TDA2003LG Datasheet HTML 2Page - STMicroelectronics TDA2003LG Datasheet HTML 3Page - STMicroelectronics TDA2003LG Datasheet HTML 4Page - STMicroelectronics TDA2003LG Datasheet HTML 5Page - STMicroelectronics TDA2003LG Datasheet HTML 6Page - STMicroelectronics TDA2003LG Datasheet HTML 7Page - STMicroelectronics TDA2003LG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
September 2013
Doc ID 023486 Rev 2
1/8
8
TDA2003LG
10 W car radio audio amplifier
Data brief
 preliminary data
Features
■ Low distortion
■ Protection against:
– DC and AC short circuits to ground
– Overrating chip temperature
– Load dump voltage surge
– Fortuitous open ground
– Very inductive loads
■ Ease of assembly
■ Cost and space savings
Description
The TDA2003LG is a single channel class AB
power amplifier which provides a high output
current capability (up to 3.5 A) with very low
harmonic and crossover distortion.
This power amplifier is protected against DC and
AC short circuits between all pins and ground,
fortuitous open ground, load dump surge up to
40 V and thermal over-range.
Pentawatt
Pentawatt
(vertical)
(horizontal)
Table 1.
Device summary
Order code
Package
Packing
TDA2003VLG
Pentawatt (vertical)
Tube
TDA2003HLG
Pentawatt (horizontal)
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA2003LG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2003L-TA5-T UTC-TDA2003L-TA5-T Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003L-TA5-T UTC-TDA2003L-TA5-T Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003L-TB5-T UTC-TDA2003L-TB5-T Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003L-TB5-T UTC-TDA2003L-TB5-T Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003LG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
10 10 W stereo amplifier for car radio
18-Jun-2010
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com