Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7703R Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7703R
Description  Highly integrated tuner for AM/FM car radio
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7703R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7703R Datasheet HTML 9Page - STMicroelectronics TDA7703R Datasheet HTML 10Page - STMicroelectronics TDA7703R Datasheet HTML 11Page - STMicroelectronics TDA7703R Datasheet HTML 12Page - STMicroelectronics TDA7703R Datasheet HTML 13Page - STMicroelectronics TDA7703R Datasheet HTML 14Page - STMicroelectronics TDA7703R Datasheet HTML 15Page - STMicroelectronics TDA7703R Datasheet HTML 16Page - STMicroelectronics TDA7703R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TDA7703R
Electrical specifications
Rev 1.2
13/32
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
General key parameters
Table 3.
Absolute maximum ratings
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
Supply voltage
5.5
V
Tstg
Storage temperature
-55
150
°C
Table 4.
Thermal data
Symbol
Parameter
Test condition
Value
Units
RTh j-amb
Thermal resistance
junction to ambient
LQFP44 10x10, double-layer JEDEC PCB
55
°C/W
Table 5.
General key parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
5 V supply voltage
4.7
5
5.25
V
ICC
Supply current @ 5 V
220
295
mA
Tamb
Ambient temperature range
-30
75
°C
VVCCREG12 VCCREG12 supply voltage
see note(1)
2V
V1V2
Digital core 1.2V supply
voltage
when supplied externally
see note (2)
1.08
1.2
1.32
V
I1V2
Digital core 1.2 V supply
current
V1V2 = 1.08 V
see note (2)
120
mA
V1V2 = 1.2 V
see note (2)
80
135
mA
V1V2 = 1.32 V
see note (2)
150
mA
1.
In the typical application supplied from 5V with a series resistor.
2.
When the 1.2 V supply is applied externally, and not using the internal 1.2 V regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com