Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8139 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA8139
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA8139_V01 Datasheet HTML 6Page - STMicroelectronics TDA8139_V01 Datasheet HTML 7Page - STMicroelectronics TDA8139_V01 Datasheet HTML 8Page - STMicroelectronics TDA8139_V01 Datasheet HTML 9Page - STMicroelectronics TDA8139_V01 Datasheet HTML 10Page - STMicroelectronics TDA8139_V01 Datasheet HTML 11Page - STMicroelectronics TDA8139_V01 Datasheet HTML 12Page - STMicroelectronics TDA8139_V01 Datasheet HTML 13Page - STMicroelectronics TDA8139_V01 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8139, TDA8139/D
Revision history
13/14
7
Revision history
Table 8.
Document revision history
Date
Revision
Changes
March 1994
1.0
First Issue
October 2000
1.3
July 2001
1.4
Datasheet update and addition of DIP16 package
August 2001
1.5
General update; DISABLE pin renamed DISABLE (function remains
unchanged
September
2001
1.6
Thermal data updated
October 2001
1.7
Thermal data updated, figures 1 and 2 updated
25-Feb-2009
2
Template updated, section 6.1 added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com