Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8139D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8139D
Description  Double (5.1 V and adjustable) voltage regulator with reset and disable functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8139D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8139D Datasheet HTML 1Page - STMicroelectronics TDA8139D Datasheet HTML 2Page - STMicroelectronics TDA8139D Datasheet HTML 3Page - STMicroelectronics TDA8139D Datasheet HTML 4Page - STMicroelectronics TDA8139D Datasheet HTML 5Page - STMicroelectronics TDA8139D Datasheet HTML 6Page - STMicroelectronics TDA8139D Datasheet HTML 7Page - STMicroelectronics TDA8139D Datasheet HTML 8Page - STMicroelectronics TDA8139D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8139, TDA8139/D
Electrical characteristics
5/14
IQ
Quiescent current
IO1 = 10 mA, OUTPUT2
Disabled
2mA
VO1RST Reset threshold voltage
K = VO1, VIN1 ≥ 7 V
K - 0.4
K - 0.25
K - 0.1
V
VRTH
Reset threshold hysteresis
See circuit description.
20
50
75
mV
tRD
Reset pulse delay
Ce = 100 nF
See circuit description.
25
ms
VRL
Saturation voltage in reset
condition
IRESET = 5 mA
0.4
V
IRH
Leakage current in normal
condition
IRESET = 10 V
10
µA
KO1, 2
Output voltage thermal drift
TJ = 0 to + 125°C
100
ppm/°C
IO1,2SC
Short circuit output current
VIN1,2 = 7 V
VIN1,2 = 16 V
(1)
1.6
1.0
A
VDISH
Disable voltage high (OUT2
active)
2V
VDISL
Disable voltage low (OUT2
disabled)
0.8
V
IDIS
Disable bias current
0 V < VDIS < 7 V
-100
2
µA
VREF
Reference voltage at
PROGRAM Pin
2.5
V
TJSD
Junction temperature for
thermal shutdown
145
°C
1.
The output short-circuit currents are tested one channel at time. During a short-circuit, a large consumption of power
occurs, but the thermal protection circuit prevents any excessive temperatures. A safe permanent short-circuit protection is
only guaranteed for input voltages up to 16 V.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Minimum
Typical
Maximum
Unit
K
0
ΔV
0
106
⋅
ΔTV
0
⋅
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com