Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540-12G-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN2540-12G-TR
Description  Standard SCR, D²PAK, 25 A, 1200 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2540-12G-TR Datasheet(HTML) 4 Page - STMicroelectronics

  TN2540-12G-TR Datasheet HTML 1Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 2Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 3Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 4Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 5Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 6Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 7Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 8Page - STMicroelectronics TN2540-12G-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 5. Relative variation of gate trigger and holding
current versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
140
Tj(°C)
I
GT, IH , IL[Tj]/IGT, IH , IL[Tj = 25 °C]
IH & I L
IGT
Figure 6. Surge peak on-state current versus number of
cycles
0
50
100
150
200
250
300
350
1
10
100
1000
Number of cycles
I
TSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
TC = 102 °C
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
100
1000
10000
0.01
0.10
1.00
10.00
tP(ms)
I
TSM(A)
dI/dt limitation: 50 A/µs
ITSM
Tj initial = 25 °C
Figure 8. On-state characteristics (maximum values)
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VTM (V)
ITM (A)
Tj max :
Vto = 0.85V
Rd = 14mΩ
TN2540-12G
Characteristics (curves)
DS12791 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com