Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0190270121 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190270121
Description  Conductor Anvil (Lower) for ATP Press that Process Product on Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0190270121 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190270121 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/25/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190270121
Status:
Active
Overview:
Application Tooling
Description:
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207126
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
ETC
Taxonomy
Applicators and Crimp Modules
Tool Type
Applicator
UPC
800755052725
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Engineering Number
ATP-D-144-E1
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2022)4187-DC (10
June 2022)
Halogen-Free
Status
Not Relevant
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
207126 Series
Use With
Perishable Tool Kit
This document was generated on 08/25/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190270121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190270120 MOLEX-0190270120 Datasheet
38Kb / 2P
ATP Crimp Dies for Versakrimp 8 AWG Ring Tongue Terminals, for Stripped Magnet or Steel 6 AWG Wire
01/25/2022
0190270122 MOLEX-0190270122 Datasheet
33Kb / 1P
Conductor Punch (Upper) for ATP Press that Process Product on Tape
08/25/2022
0190270123 MOLEX-0190270123 Datasheet
34Kb / 1P
ATP Perishable Tool Kit used in ATP presses that process product on tape
01/25/2022
0190270124 MOLEX-0190270124 Datasheet
23Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
07/30/2021
0190270126 MOLEX-0190270126 Datasheet
44Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
02/09/2017
More results

Similar Description - 0190270121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190270030 MOLEX-0190270030 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270038 MOLEX-0190270038 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270086 MOLEX-0190270086 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270092 MOLEX-0190270092 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270069 MOLEX-0190270069 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270072 MOLEX-0190270072 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270098 MOLEX-0190270098 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270112 MOLEX-0190270112 Datasheet
42Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270214 MOLEX-0190270214 Datasheet
22Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/26/2022
0190270241 MOLEX-0190270241 Datasheet
22Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com