Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGR1069 Datasheet(PDF) 4 Page - Littelfuse

Part # NGR1069
Description  NGR SERIES – CANADA , Neutral Grounding Resistor System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGR1069 Datasheet(HTML) 4 Page - Littelfuse

  NGR1069 Datasheet HTML 1Page - Littelfuse NGR1069 Datasheet HTML 2Page - Littelfuse NGR1069 Datasheet HTML 3Page - Littelfuse NGR1069 Datasheet HTML 4Page - Littelfuse NGR1069 Datasheet HTML 5Page - Littelfuse NGR1069 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Littelfuse.com
© 2019 Littelfuse, Inc.
Rev: 1-B-050420
4 of 6
Protection Relays & Controls
NGR SERIES – CANADA
Dimensions and Mounting Diagrams
For 480 V NGR Systems:
For 600 V NGR Systems:
Proprietary and confidential: information contained in this drawing is the sole property of MegaResistors. Reproduction without explicit and written permission by MegaResistors is prohibited.
18.50 in
470mm
19.50 in
495mm
4 x
.40in
10mm
BOTTOM VIEW
(MOUNTING DIMENSIONS)
22.00 in
559mm
22.00 in
559mm
12.44 in
316mm
ENNG=2-3R
(ISO VIEW)
TERMINAL BLOCK, 2 OR 3 POLE
FLAT HEAD SCREW
WIRE RANGE WITH BINDING SCREW #14 - #2 AWG, Cu
# DESCRIPTION
QTY
1
ENCLOSURE, N2, NEMA 3R
1
2
ELEMENT, WIREWOUND/EDGEWOUND, X Ω
X
3
BONDING LUG, SLU-70
1
4
TERMINAL BLOCK, 2 OR 3 POLE
1
1:10
A
ENNG=2-3R
NGR
G.C.
Size
Units
Scale
Product Line
Drawing #
X V
X kV
X V L/N
X A
X Ω
X
50-57 lbs
Type 3R
IN-LB
Product Drawing
Revision #
Approval Date
0
Apr 12, 2019
Drawn By
P.K.
Apr 12, 2019
Revision Date
Drawing Status
Part Number
ENNG=2-3R
Drawing Type
Mechanical
Reference
Voltage
Class
BIL
Duty Cycle
Resistance
Current
Env Rating
Weight
Notes
[1] Enclosure Material:
14 Ga. Steel [16 Ga. Top and
Side Covers]
Proprietary and confidential: information contained in this drawing is the sole property of MegaResistors. Reproduction without explicit and written permission by MegaResistors is prohibited.
27.25in
692mm
19.50in
495mm
4 x
.40in
10mm
BOTTOM VIEW
(MOUNTING DIMENSIONS)
30.75 in
781mm
22.00 in
559mm
12.43
316
ENNG=2L-3R
(ISO VIEW)
TERMINAL BLOCK, 2 OR 3 POLE
FLAT HEAD SCREW
WIRE RANGE WITH BINDING SCREW #14 - #2 AWG, Cu
# DESCRIPTION
QTY
1
ENCLOSURE, N2L, NEMA 3R
1
2
ELEMENT, WIREWOUND/EDGEWOUND, X Ω
X
3
BONDING LUG, SLU-70
1
4
TERMINAL BLOCK, 2 OR 3 POLE
1
1:10
A
ENNG=2L-3R
NGR
G.C.
Size
Units
Scale
Product Line
Drawing #
X V
X kV
X V L/N
X A
X Ω
X
70-75 lbs
Type 3R
in [mm]
Product Drawing
Revision #
Approval Date
0
Apr 18, 2019
Drawn By
P.K.
Apr 18, 2019
Revision Date
Drawing Status
Part Number
ENNG=2L-3R
Drawing Type
Mechanical
Reference
Voltage
Class
BIL
Duty Cycle
Resistance
Current
Env Rating
Weight
Notes
[1] Enclosure Material:
14 Ga. Steel [16 Ga. Top and
Side Covers]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com