Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFN2VWM2S Datasheet(PDF) 1 Page - Rohm

Part # RFN2VWM2S
Description  Ultra Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFN2VWM2S Datasheet(HTML) 1 Page - Rohm

  RFN2VWM2S Datasheet HTML 1Page - Rohm RFN2VWM2S Datasheet HTML 2Page - Rohm RFN2VWM2S Datasheet HTML 3Page - Rohm RFN2VWM2S Datasheet HTML 4Page - Rohm RFN2VWM2S Datasheet HTML 5Page - Rohm RFN2VWM2S Datasheet HTML 6Page - Rohm RFN2VWM2S Datasheet HTML 7Page - Rohm RFN2VWM2S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
●Outline
VR
200
V
Io
2
A
IFSM
20
A
trr(Typ.)
14
ns
●Features
●Inner Circuit
Low forward voltage
Low switching loss
High current overload capacity
●Application
●Packaging Specifications
General rectification
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Quantity(pcs)
3000
Silicon epitaxial planar
Taping Code
TR
Marking
3F
●Absolute Maximum Ratings (Tc=25℃ unless otherwise specified)
                       
Parameter
Symbol
Conditions
Limits
Unit
Repetitive peak reverse voltage
VRM
Duty≦0.5
200
V
Reverse voltage
VR
Reverse direct voltage
200
V
Average rectified forward current
Io
60Hz half sin wavef orm
resistive load
Tc=115℃
2
A
Peak forward surge current
IFSM
60Hz half sin wavef orm,
Non-repetitive,Tj=25℃
20
A
Junction temperature
Tj
-
175
℃
Storage temperature
Tstg
-
-55 ~ 175
℃
●Electrical Characteristics
(Tj=25℃ unless otherwise specified)
                       
Parameter
Symbol
Conditions
Min. Typ. Max. Unit
Forward voltage
VF
IF=2A
0.80 0.92 0.99
V
Reverse current
IR
VR=200V
-
-
1
μA
Reverse recovery time
trr
IF=0.5A, IR=1.0A, Irr=0.25xIR
-
14
25
ns
www.rohm.com
© 2022- ROHMCo., Ltd. All rights reserved.
1/5
2022/01/24_Rev.001
RFN2VWM2S
Ultra Fast Recovery Diode
Data sheet


Similar Part No. - RFN2VWM2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RFN2VWM2STF ROHM-RFN2VWM2STF Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/28_Rev.002
More results

Similar Description - RFN2VWM2S

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF4 NIEC-31DF4 Datasheet
53Kb / 5P
Ultra - Fast Recovery Diode
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com