Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TIP
Description  Infrared Touch Panel with Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP Datasheet(HTML) 1 Page - Vishay Siliconix

  TIP Datasheet HTML 1Page - Vishay Siliconix TIP Datasheet HTML 2Page - Vishay Siliconix TIP Datasheet HTML 3Page - Vishay Siliconix TIP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 37025
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 05-Dec-00
1
Infrared Touch Panel with Controller
TIP
Vishay Dale
TIP products are infrared touch panels designed to fit most
flat panel display technologies. The touch panels are a matrix
of infrared diodes and detectors, scanning electronics,
micro-processor controller, bezel/optical filter assembly and
hardware to mount the touch panel and controller to the flat
panel display. These touch panels are ideal for many
applications including medical instrumentation, machine or
process controls, point of sale devices, public information
displays, banking and military.
Vishay Dale® TIP touch panels have a unique patented
scanning l9ogic system that makes them virtually immune to
most lighting environments.
Optional PC based software (TBDriver, a DOS mouse
emulator; and TWDriver, a Windows® mouse emulator)
provide simple touch panel integration.
Windows® is a registered trademark of the Microsoft
Corporation.
FEATURES
• Fast response time
• Flexible operating modes
• User transparent
• Rugged construction
• Sealed for environmental resistance
• Immune to high or changing ambient light
• RS-232C interface
• Pre-assembled - no assembly or disassembly required to
mount display
ELECTRICAL SPECIFICATIONS
Voltage: + 12 VDC ± 5 %
Current: 400 mA typical
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: 0 °C to + 55 °C
Storage Temperature: - 55 °C to + 85 °C
Relative Humidity: 10 % to 90 % non-conditioning
INTERFACE
Type: RS-232C
Data Rate: 300 baud, 1200 baud, 9600 baud and auto baud
Word Format: 8 data bits, no parity, 1 start bit, 1 stop bit
Notes
(1) Other user specified filters will be designated as “S”. Contact factory for availability. Any “S” filter designation will require a factory assigned
dash number suffix. Filters A to D are plastic. Glass filters may be available on selected models.
• Many additional touch panel options available to fit color LCD’s and other display technologies. Please contact factory for assistance.
ORDERING INFORMATION
TIP
3216
FA
A
XXX
MODEL
MATRIX
DISPLAY DESIGNATOR
FILTER (1)
DASH NUMBER
(if required)
TOUCH PANEL
DISPLAY
MATRIX
TOUCH
POINTS
PIXELS
TECHNOLOGY
MANUFACTURER
PART NUMBER
DESIGNATOR
A = Non-polarized, gray
B = Polarized, gray
C = Non-polarized, amber
D = Polarized, amber
S = Special, contact factory
3216
63 x 31
512 x 256
ELD
Finlux
Planar
MD512.256
EL6648MSS
FA
PA
3220
63 x 39
640 x 400
ELD
Finlux
Planar
Sharp
MD640.400
EL8358HR
LJ640U27
FB
PB
SA
3224
63 x 47
640 x 480
ELD
Sharp
LJ64ZU49
SB
3526
69 x 51
640 x 480
ELD
Planar
EL7768MS
PC


Similar Part No. - TIP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
logo
Savantic, Inc.
TIP 120 SAVANTIC-TIP 120 Datasheet
127Kb / 4P
Silicon NPN Darlington Power Transistors
logo
STMicroelectronics
TIP-142 STMICROELECTRONICS-TIP-142 Datasheet
51Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
More results

Similar Description - TIP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
14” Infrared Touch Panel
20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
15” Infrared Touch Panel
28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
15” Infrared Touch Panel
28-Jun-01
logo
Unisonic Technologies
TS2043 UTC-TS2043 Datasheet
209Kb / 8P
TOUCH PANEL CONTROLLER
logo
Vishay Siliconix
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
14" Infrared Touch Panel
14-Jan-10
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
15" Infrared Touch Panel
14-Jan-10
logo
List of Unclassifed Man...
FT6X06 ETC2-FT6X06 Datasheet
736Kb / 27P
Self-Capacitive Touch Panel Controller
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com