Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCR-P2 Datasheet(PDF) 1 Page - GPB International Limited.

Part # GPCR-P2
Description  GP Lithium Battery 6 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GP [GPB International Limited.]
Direct Link  https://international.gpbatteries.com/
Logo GP - GPB International Limited.

GPCR-P2 Datasheet(HTML) 1 Page - GPB International Limited.

  GPCR-P2 Datasheet HTML 1Page - GPB International Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• GP Lithium Battery
• 6 Volts
CONSUMER M
CONSUM
CONSUMER MANUAL
www.gpbatteries.com
Model No.:
GPCR-P2
Discharge Characteristics of CR-P2
Duration (hour)
Pulse Discharge Characteristics of CR-P2
Number of Cycles
Pulse Discharge Characteristics of CR-P2
Number of Cycles
34.8 - 0.5
+0.2
Label Area
BENEFITS:
- The preferred power source for sophisticated
photographic equipment
- Maintains high performance in extreme weather
(-40°C to +60°C)
- Maintains excellent discharge performance at
extremely low temperature
Other Details:
- Lithium Manganese Dioxide chemistry
- Average weight: 37g
APPLICATIONS BEST FOR:


Similar Part No. - GPCR-P2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GPCR MACOM-GPCR Datasheet
265Kb / 4P
GP/ML/TR series 10 Amp Control Relay
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR03B-C GENERALPLUS-GPCR03B-C Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B-NnnV-C GENERALPLUS-GPCR06B-NnnV-C Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results

Similar Description - GPCR-P2

ManufacturerPart #DatasheetDescription
logo
GPB International Limit...
GP2CR5 GP-GP2CR5 Datasheet
418Kb / 1P
GP Lithium Battery 6 Volts
GPCR123A GP-GPCR123A Datasheet
379Kb / 1P
GP Lithium Battery 3 Volts
GPCR1216 GP-GPCR1216 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR1220 GP-GPCR1220 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR1620 GP-GPCR1620 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR1632 GP-GPCR1632 Datasheet
2Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR1_3N GP-GPCR1_3N Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR2025 GP-GPCR2025 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
GPCR2032 GP-GPCR2032 Datasheet
472Kb / 1P
GP Lithium Cell Battery 3 Volts
GPCR2430 GP-GPCR2430 Datasheet
1Mb / 1P
GP Lithium Cell Battery 3 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com