Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLC52BA Datasheet(PDF) 2 Page - Littelfuse

Part # LLC52BA
Description  Liquid Level Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LLC52BA Datasheet(HTML) 2 Page - Littelfuse

  LLC52BA Datasheet HTML 1Page - Littelfuse LLC52BA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Pump Controls and Liquid Level Controls
www.littelfuse.com/LLC5
Rev: 1-A-062116
Accessories
PHST-38QTN Electrode
Designed for a maximum steam pressure of 240
PSI; 400° F. UL353 Recognized.
LLP-24 Threaded Probe (24”)
Threaded stainless steel probe measuring 24”
(61 cm) long. For use with PHST-38QTN liquid
level control electrodes.
Specifications
Control
Type
Resistance sensing for high & low level
detection of conductive liquids
Sensing Voltage
Pulsed DC at probe terminals
Sensing Resistance
Factory fixed or adjustable to 100KΩ
Sensing Resistance
Tolerance
Adjustable: 1K ±500Ω at low end;
100KΩ ±25%, 0% at high end
Factory fixed: ±10% or 500Ω whichever
is greater
Response Time
Debounce time delay <1s
Input
Tolerance
24VAC
-15%, +20%
120 & 230VAC
-20%, +10%
AC Line Frequency
50/60 Hz
Output
Type
Electromechanical relay
Form
Isolated, SPDT
Rating
5A resistive @ 240VAC, 1/10 hp @ 240VAC
Protection
Isolation Voltage
≥ 1500V RMS between input, output, & probe
Mechanical
Mounting
Plug-in socket
Dimensions
H 60.7 mm (2.39”); W 45.2 mm (1.78”);
D 76.5 mm (3.01”)
Termination
Octal 8-pin plug-in
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 80°C
Weight
6 oz (170 g) approx.
LLC5 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com