Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP0512-R47K Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP0512-R47K
Description  SRP0512 Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP0512-R47K Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP0512-R47K Datasheet HTML 1Page - Bourns Electronic Solutions SRP0512-R47K Datasheet HTML 2Page - Bourns Electronic Solutions SRP0512-R47K Datasheet HTML 3Page - Bourns Electronic Solutions SRP0512-R47K Datasheet HTML 4Page - Bourns Electronic Solutions SRP0512-R47K Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP0512 Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
Max. Peak Temperature -5 °C
: 30 sec. max.
Max. Time Above 217 °C: 60~150 sec. max.
Peak Temperature
: 260 °C max.
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
150
200
100
50
200
0
100
50
150
Time (Seconds)
250
Peak Temperature: 260 °C
217 °C
60~150 Sec.
60 Sec.
Max.
60~120 Sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com