Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP0520-R47K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP0520-R47K
Description  SRP0520 Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP0520-R47K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP0520-R47K Datasheet HTML 1Page - Bourns Electronic Solutions SRP0520-R47K Datasheet HTML 2Page - Bourns Electronic Solutions SRP0520-R47K Datasheet HTML 3Page - Bourns Electronic Solutions SRP0520-R47K Datasheet HTML 4Page - Bourns Electronic Solutions SRP0520-R47K Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRP0520 Series - Shielded Power Inductors
Features
n
Shielded construction
n
Metal alloy powder core
n
High saturation current
n
Low buzz noise
n
Flat wire
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 kHz / 1 V
Q
Typ.
Q
Test
Freq,
(MHz)
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (µH) Tol. (%)
SRP0520-R47K
0.47
10
19
25.2
67
5.9
7.2
12.5
20.0
SRP0520-R68K
0.68
10
17
25.2
56
7.8
9.0
10.7
18.0
SRP0520-1R0K
1.00
10
54
7.96
51
11.8
14.2
8.5
15.5
SRP0520-1R5K
1.50
10
49
7.96
33
16.8
19.7
7.2
11.5
SRP0520-2R2K
2.20
10
46
7.96
27
22.4
26.2
6.2
10.8
SRP0520-3R3K
3.30
10
41
7.96
20
34.5
40.5
4.8
7.4
SRP0520-4R7K
4.70
10
18
7.96
19
46.7
54.1
4.2
5.3
SRP0520-6R8K
6.80
10
15
7.96
14
68.5
80.0
3.5
4.8
SRP0520-100K
10.0
10
68
2.52
12
130.0 152.0
2.4
4.0
Product Dimensions
5.40 ± 0.2
(.213 ± .008)
1.20 ± 0.1
(.047 ± .004)
5.40
(.213)
MAX.
2.00
(.079)
MAX.
2.50
(.098)
REF.
5.10 ± 0.2
(.201 ± .008)
General Specifications
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise ... 40 °C at rated Irms1
Rated Voltage..................................50 V
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Note 1: Circuit design, component, PCB trace size
and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be
verified in the end application.
Materials
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 2500 pcs. per 13-inch reel
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
Electrical Schematic
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
How to Order
SRP0520 - 4R7K
Model
Value Code (see table)
3R3
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Recommended Layout
0.39
(.015)
2.80
(.110)
REF.
3.50
(.138)
REF.
5.80
(.228)
REF.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRP0520-R47K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP0510 BOURNS-SRP0510 Datasheet
749Kb / 5P
SRP0510 Series - Shielded Power Inductors
REV. 06/22
SRP0510-100K BOURNS-SRP0510-100K Datasheet
749Kb / 5P
SRP0510 Series - Shielded Power Inductors
REV. 06/22
SRP0510-1R0K BOURNS-SRP0510-1R0K Datasheet
749Kb / 5P
SRP0510 Series - Shielded Power Inductors
REV. 06/22
SRP0510-1R5K BOURNS-SRP0510-1R5K Datasheet
749Kb / 5P
SRP0510 Series - Shielded Power Inductors
REV. 06/22
SRP0510-2R2K BOURNS-SRP0510-2R2K Datasheet
749Kb / 5P
SRP0510 Series - Shielded Power Inductors
REV. 06/22
More results

Similar Description - SRP0520-R47K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com