Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127A Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TIP127A
Description  PNP Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TIP127A Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TIP127A Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TIP127A Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO. LTD
PNP Darlington Transistors
1
■
Features
●
Collector Current Capability ICM=-8A
●
Collector Emitter Voltage VCEO=-100V
●
Medium Power Complementary Silicon Transistors
1
TO-220
2 3
(0.70)
MAX1.47
#1
10.16 ± 0.20
(1.00x45 )
2.54 ± 0.20
0.80 ± 0.10
9.40 ± 0.20
2.76 ± 0.20
0.35 ± 0.10
ø3.18 ± 0.10
2.54TYP
[2.54 ± 0.20 ]
2.54TYP
[2.54 ± 0.20 ]
0.50 +0.10
–0.05
3. Emitter
1. Base
2. Collector
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1 mA, IE= 0
-100
Collector- emitter breakdown voltage
VCEO
Ic= -30 mA, IB= 0
-100
Emitter - base breakdown voltage
VEBO
IE= -1 mA, IC= 0
-5
Collector-base cut-off current
ICBO
VCB= -100 V , IE= 0
-0.2
Collector- emitter cut-off current
ICEO
VCE= -50 V , IE= 0
-0.5
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-2
IC=-3 A, IB=-12 mA
-2
IC=-5 A, IB=-20 mA
-4
Base - emitter saturation voltage
VBE(sat) IC=-3 A, IB=-12 mA
-1.2
Base-emitter voltage
VBE
VCE=-3V, IC= -3 A
VCE= -3V, IC= -0.5A
1000
VCE= -3V, IC= -3 A
1000
Collector output capacitance
Cob
VCB= -10V, IE=0,f=0.1MHz
200
pF
DC current gain
V
V
mA
Collector-emitter saturation voltage
VCE(sat)
hFE
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-100
Collector - Emitter Voltage
VCEO
-100
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
ICM
-8
A
Collector Power Dissipation
PC
2
W
Thermal Resistance Junction to Ambient
RθJA
62.5
Thermal Resistance Junction to Case
RθJC
1.92
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
℃
/W
-2.5
TIP127A
TIP127A


Similar Part No. - TIP127A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TIP127A FCI-TIP127A Datasheet
107Kb / 2P
TIP127A PNP Epitaxial Silicon Transistor
More results

Similar Description - TIP127A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
PNP Darlington transistors
1999 Apr 08
BSS61 PHILIPS-BSS61 Datasheet
52Kb / 8P
PNP Darlington transistors
1997 May 14
BST60 PHILIPS-BST60 Datasheet
46Kb / 8P
PNP Darlington transistors
1999 Apr 27
BCV26 NXP-BCV26 Datasheet
122Kb / 7P
PNP Darlington transistors
2004 Jan 13
BSP60 NXP-BSP60 Datasheet
126Kb / 7P
PNP Darlington transistors
2001 May 31
BCV28 PHILIPS-BCV28_15 Datasheet
126Kb / 8P
PNP Darlington transistors
2004 Dec 06
BCV26 PHILIPS-BCV26_15 Datasheet
122Kb / 7P
PNP Darlington transistors
2004 Jan 13
logo
SEMTECH ELECTRONICS LTD...
MMBTA63W SEMTECH_ELEC-MMBTA63W Datasheet
203Kb / 1P
PNP Darlington Transistors
logo
Nexperia B.V. All right...
BCV26 NEXPERIA-BCV26 Datasheet
318Kb / 8P
PNP Darlington transistors
2004 Jan 13
BST60 NEXPERIA-BST60 Datasheet
329Kb / 9P
PNP Darlington transistors
2004 Dec 09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com