Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU4530NL Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU4530NL
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU4530NL Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU4530NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STU4530NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
30
N-Channel E nhancement Mode Field E ffect Transistor
TO251 and TO 252 Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
20
V
Drain Current-Continuous @ TC=25 C
-Pulsed
ID
45
110
20
50
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
50
/W
C
S T U/D4530NL
a
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
30V
45A
9.5 @ V GS = 10V
19 @ V GS = 4.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S TU S E R IE S
TO-252AA(D-PAK)
S TD S E R IE S
TO-251(l-PAK)
G
G
S
S
D
D
Thermal R esistance, Junction-to-Case
R JC
3
/W
C
AP R 28,2005
S
G
D


Similar Part No. - STU4530NL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results

Similar Description - STU4530NL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
STU2555NL SAMHOP-STU2555NL Datasheet
868Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU2640NL SAMHOP-STU2640NL Datasheet
895Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU3055NL SAMHOP-STU3055NL Datasheet
814Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com