Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD4530NL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STD4530NL
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD4530NL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STD4530NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD4530NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
1.7
3
V
Drain-Source On-State R esistance
R DS(ON)
VGS 10V, ID 9A
9.5
VGS 4.5V, ID 5A
19
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
60
A
S
Forward Transconductance
FS
g
VDS 10V, ID 9A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
1443
P
F
346
P
F
P
F
202
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V
ID = 1A
VGS = 10V
R GEN = 6
10.7
ns
ns
ns
ns
46
10.2
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID =9A
VGS =10V
27
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
14
27.7
4.1
7.1
m ohm
m ohm
ohm
nC
VDS =15V, ID =9A,VGS =10V
VDS =15V, ID =9A,VGS =4.5V
13.6
100
S T U/D4530NL
8
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com