Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVR-5R0C105-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # KVR-5R0C105-R
Description  KVR Supercapacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KVR-5R0C105-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  KVR-5R0C105-R Datasheet HTML 1Page - Eaton All Rights Reserved. KVR-5R0C105-R Datasheet HTML 2Page - Eaton All Rights Reserved. KVR-5R0C105-R Datasheet HTML 3Page - Eaton All Rights Reserved. KVR-5R0C105-R Datasheet HTML 4Page - Eaton All Rights Reserved. KVR-5R0C105-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1175
Effective May 2022
KVR Supercapacitors
Coin cells
www.eaton.com/electronics
Ratings10
Capacitance
1.0 F to 1.5 F
Maximum working voltage
5.0 V
Surge voltage10
5.5 V
Capacitance tolerance
-20% to +80% (+20 °C)
Operating temperature range
-25 °C to +70 °C
Extended temperature range
-25 °C to +85 °C (with linear voltage derating to 3.27 V @ +85 °C)
Specifications
Capacitance (F)
Part number
Maximum
initial ESR
+25 °C1 (Ω)
Nominal
leakage
current1,2
(µA)
Stored energy3
(mWh)
Peak power4
(W)
Pulse
current5
(A)
Short
circuit
current6
(A)
1.0
KVR-5R0V105-R
30
10
3.47
0.208
0.081
0.167
1.0
KVR-5R0H105-R
30
10
3.47
0.208
0.081
0.167
1.0
KVR-5R0C105-R
30
10
3.47
0.208
0.081
0.167
1.5
KVR-5R0V155-R
30
10
5.21
0.208
0.082
0.167
1.5
KVR-5R0H155-R
30
10
5.21
0.208
0.082
0.167
1.5
KVR-5R0C155-R
30
10
5.21
0.208
0.082
0.167
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of maximum initial value)
Lifetime: (1000 hours at +70 °C, 5.0 V)
≤ 30%
≤ 400%
Charge/Discharge Cycles7: (500,000 at +20 °C)
≤ 30%
≤ 300%
Storage: (3 years, uncharged, <35 °C)
≤ 5%
≤ 10%
1. Capacitance, Equivalent Series Resistance (ESR) and Leakage current are measured according to IEC62391-1 with current in milliamps (mA) = 8 x C x V.
2. Leakage current at +25 °C after 24 hour charge and hold.
3. Stored Energy (mWh) = 0.5 x C x V2
3600
4. Peak Power (W) =
V2
4 x ESR
5. Pulse current for 1 second from full rate voltage to half voltage.(A) = 0.5 x V x C
(1 + ESR x C)
6. Short circuit current is for safety information only. Do not use as operating current.
7. Cycling between rated voltage and half voltage, 3 second rest at +20 °C.
8. Testing and verification of product under end application conditions is recommended
9. Not recommended for +85 °C/85% RH applications
10. Surge voltage: Maximum voltage, non-repetitive, 1 second maximum
Safety and certifications
Environmental compliance and general specifications
RoHS, REACH, Halogen free
Shock and vibration
MIL-STD 202G
Warnings
Do not overvoltage, do not reverse polarity
Shipping
No restrictions, per UN3499 with all cells <0.3 watt-hours
x 1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com