Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVR-5R0V155-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # KVR-5R0V155-R
Description  KVR Supercapacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KVR-5R0V155-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  KVR-5R0V155-R Datasheet HTML 1Page - Eaton All Rights Reserved. KVR-5R0V155-R Datasheet HTML 2Page - Eaton All Rights Reserved. KVR-5R0V155-R Datasheet HTML 3Page - Eaton All Rights Reserved. KVR-5R0V155-R Datasheet HTML 4Page - Eaton All Rights Reserved. KVR-5R0V155-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1175
Effective May 2022
Environmental compliance
KVR Supercapacitors
Coin cells
Description
Eaton supercapacitors are high reliability, high
power, ultra-high capacitance energy storage
devices utilizing electric double layer capacitor
(EDLC) construction combined with proprietary
materials and processes. This combination of
advanced technologies allows Eaton to offer a
wide variety of capacitor solutions tailored to
applications for backup power, pulse power and
hybrid power systems. They can be applied as
the sole energy storage or in combination with
batteries to optimize cost, life time and run time.
System requirements can range from a few
microwatts to megawatts. All products feature low
ESR for high power density with environmentally
friendly materials for a green power solution.
Eaton supercapacitors are maintenance-free with
design lifetimes up to 20 years* and operating
temperatures down to -25 °C and up to +70 °C.
Features
•
High specific capacitance
•
Low leakage current
•
Long cycle life
Applications
•
Electric utility meters
•
Computers and peripherals
•
Network switches and routers
•
Consumer goods
•
Industrial electronics
•
Appliances and white goods
•
Real-time clock (RTC) backup
•
Office equipment
Pb
HALOGEN
HF
FREE
* Supercapacitor lifetimes vary based on charge voltage
and temperature. See Eaton’s application guidelines or
contact your local Eaton sales representative for more
information on lifetime estimates


Similar Part No. - KVR-5R0V155-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR100X64C2 ETC1-KVR100X64C2 Datasheet
32Kb / 1P
Memory Module Specification
KVR100X64C2/128 ETC1-KVR100X64C2/128 Datasheet
32Kb / 1P
Memory Module Specification
KVR100X64C2/256 ETC1-KVR100X64C2/256 Datasheet
33Kb / 1P
100MHz SDRAM 168-Pin PC100 Memory Module
KVR100X64C2/512 ETC1-KVR100X64C2/512 Datasheet
32Kb / 1P
Memory Module Specification
KVR100X64C2/64 ETC1-KVR100X64C2/64 Datasheet
32Kb / 1P
Memory Module Specification
More results

Similar Description - KVR-5R0V155-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com