Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVR-5R0H155-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # KVR-5R0H155-R
Description  KVR Supercapacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KVR-5R0H155-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  KVR-5R0H155-R Datasheet HTML 1Page - Eaton All Rights Reserved. KVR-5R0H155-R Datasheet HTML 2Page - Eaton All Rights Reserved. KVR-5R0H155-R Datasheet HTML 3Page - Eaton All Rights Reserved. KVR-5R0H155-R Datasheet HTML 4Page - Eaton All Rights Reserved. KVR-5R0H155-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data ELX1175
Effective May 2022
KVR Supercapacitors
Coin cells
www.eaton.com/electronics
Part numbering system
KVR
–5R0
C
10
5
-R
Family code
Voltage (V)
R = decimal
Configuration
Capacitance (μF)
value
Multiplier
Standard product
KVR = Family code
5R0 = 5.0 V
V = Vertical
H = Horizontal
C= Cylindrical
Example 105= 10 x 105 μF o r 1.0 F
Packaging information
•
Bulk: 100 parts per tray, 500 parts per box
•
•
Part marking
•
Eaton logo
•
Capacitance value (F)
•
Operating voltage (V)
•
Polarity mark
C type (Cylindrical)
Part number
OD
±0.5
H
±0.5
L(+)
±0.5
L (-)
±0.5
P
±0.5
T
±0.02
L1
±0.3
L2
±0.3
W
±0.2
W
1
±0.2
Mass (g)
typical
KVR-5R0C105-R
20.8
7.6
5.5
5.8
5.0
0.4
3.3
3.8
0.8
1.2
8.7
KVR-5R0C155-R
20.8
7.6
5.5
5.8
5.0
0.4
3.3
3.8
0.8
1.2
8.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com