Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD82124 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ACD82124
Description  24 Ports 10/100 Fast Ethernet Switch Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ACD82124 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ACD82124 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACD82124 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
nBP register (register 21)
The nBP register defines back-pressure flow control
capability for each port. Table-7.21 describes all the
bit of this register.
nPORT register (register 22)
The nPORT register is used to isolate ports from the
network. Setting the associated bit in this register will
stop a port from receiving or transmitting any frame.
Table-7.22 describes all the bits of this register.
Table-7.21: nBP Register
Bit
Default
0 - Port 0 back-pressure scheme enabled
1 - Port 0 back-pressure scheme disabled
0 - Port 1 back-pressure scheme enabled
1 - Port 1 back-pressure scheme disabled
0 - Port 2 back-pressure scheme enabled
1 - Port 2 back-pressure scheme disabled
0 - Port 3 back-pressure scheme enabled
1 - Port 3 back-pressure scheme disabled
0 - Port 4 back-pressure scheme enabled
1 - Port 4 back-pressure scheme disabled
0 - Port 5 back-pressure scheme enabled
1 - Port 5 back-pressure scheme disabled
0 - Port 6 back-pressure scheme enabled
1 - Port 6 back-pressure scheme disabled
0 - Port 7 back-pressure scheme enabled
1 - Port 7 back-pressure scheme disabled
0 - Port 8 back-pressure scheme enabled
1 - Port 8 back-pressure scheme disabled
0 - Port 9 back-pressure scheme enabled
1 - Port 9 back-pressure scheme disabled
0 - Port 10 back-pressure scheme enabled
1 - Port 10 back-pressure scheme disabled
0 - Port 11 back-pressure scheme enabled
1 - Port 11 back-pressure scheme disabled
0 - Port 12 back-pressure scheme enabled
1 - Port 12 back-pressure scheme disabled
0 - Port 13 back-pressure scheme enabled
1 - Port 13 back-pressure scheme disabled
0 - Port 14 back-pressure scheme enabled
1 - Port 14 back-pressure scheme disabled
0 - Port 15 back-pressure scheme enabled
1 - Port 15 back-pressure scheme disabled
0 - Port 16 back-pressure scheme enabled
1 - Port 16 back-pressure scheme disabled
0 - Port 17 back-pressure scheme enabled
1 - Port 17 back-pressure scheme disabled
0 - Port 18 back-pressure scheme enabled
1 - Port 18 back-pressure scheme disabled
0 - Port 19 back-pressure scheme enabled
1 - Port 19 back-pressure scheme disabled
0 - Port 20 back-pressure scheme enabled
1 - Port 20 back-pressure scheme disabled
0 - Port 21 back-pressure scheme enabled
1 - Port 21 back-pressure scheme disabled
0 - Port 22 back-pressure scheme enabled
1 - Port 22 back-pressure scheme disabled
0 - Port 23 back-pressure scheme enabled
1 - Port 23 back-pressure scheme disabled
0
1
2
Description
3
4
5
6
7
8
9
10
11
12
13
14
0
23
19
20
21
22
15
16
17
18
Table-7.22: nPort Register
Bit
Default
0 - Port 0 enabled
1 - Port 0 disabled
0 - Port 1 enabled
1 - Port 1 disabled
0 - Port 2 enabled
1 - Port 2 disabled
0 - Port 3 enabled
1 - Port 3 disabled
0 - Port 4 enabled
1 - Port 4 disabled
0 - Port 5 enabled
1 - Port 5 disabled
0 - Port 6 enabled
1 - Port 6 disabled
0 - Port 7 enabled
1 - Port 7 disabled
0 - Port 8 enabled
1 - Port 8 disabled
0 - Port 9 enabled
1 - Port 9 disabled
0 - Port 10 enabled
1 - Port 10 disabled
0 - Port 11 enabled
1 - Port 11 disabled
0 - Port 12 enabled
1 - Port 12 disabled
0 - Port 13 enabled
1 - Port 13 disabled
0 - Port 14 enabled
1 - Port 14 disabled
0 - Port 15 enabled
1 - Port 15 disabled
0 - Port 16 enabled
1 - Port 16 disabled
0 - Port 17 enabled
1 - Port 17 disabled
0 - Port 18 enabled
1 - Port 18 disabled
0 - Port 19 enabled
1 - Port 19 disabled
0 - Port 20 enabled
1 - Port 20 disabled
0 - Port 21 enabled
1 - Port 21 disabled
0 - Port 22 enabled
1 - Port 22 disabled
0 - Port 23 enabled
1 - Port 23 disabled
0
23
19
20
21
22
15
16
17
18
11
12
13
14
7
8
9
10
3
4
5
6
0
1
2
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com