Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHD830004 Datasheet(PDF) 2 Page - Sensitron

Part # SHD830004
Description  Three-Phase MOSFET/IGBT Bridge Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD830004 Datasheet(HTML) 2 Page - Sensitron

  SHD830004 Datasheet HTML 1Page - Sensitron SHD830004 Datasheet HTML 2Page - Sensitron SHD830004 Datasheet HTML 3Page - Sensitron SHD830004 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
•
• World Wide Web Site - www.sensitron.com • E-Mail Address - sales@sensitron.com •
2
DATA SHEET 548, REV. -
Dynamic Characteristics
VCC=VBS1,2,3 = 15V, VS1,2,3 = VSS, CL = 1 nF
P
PA
AR
RA
AM
ME
ET
TE
ER
R
T
TE
ES
ST
T
C
CO
ON
ND
DIIT
TIIO
ON
NS
S
S
SY
YM
MB
BO
OL
L
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
Turn-On Propagation Delay
ton
-
700
-
nsec
Turn-Off Propagation Delay
toff
-
700
-
nsec
Turn-On Rise Time
tr
-
75
-
nsec
Turn-Off Fall Time
VIN = 0 & 5V
VS1,2,3 = 0 to 300V
tF
-
35
-
nsec
SD
to
Output
Shutdown
Propagation Delay
VIN, VITRIP = 0V,
VSD = 0 & 5V
tsd
-
700
-
nsec
ITRIP
to
Output
Shutdown
Propagation Delay
VIN = 0V,
VITRIP = 0 & 5V
titrip
-
700
-
nsec
ITRIP Blanking Time
VITRIP = 1V
tbl
-
400
-
nsec
ITRIP
to
FAULT
Shutdown
Propagation Delay
VIN = 0V,
VITRIP = 0 & 5V
tflt
-
500
-
nsec
Input Filter Time (HIN, LIN, & SD)
VIN = 0 & 5V
tfil
310
nsec
Deadtime, LS Turn-Off to HS Turn-on & HS
Turn-Off to LS Turn-On
VIN = 0 & 5V
DT
-
200
-
nsec
Static Characteristics
VCC=VBS1,2,3 = 15V, VS1,2,3 = VSS
P
PA
AR
RA
AM
ME
ET
TE
ER
R
T
TE
ES
ST
T
C
CO
ON
ND
DIIT
TIIO
ON
NS
S
S
SY
YM
MB
BO
OL
L
M
MIIN
N
T
TY
YP
P
M
MA
AX
X
U
UN
NIIT
T
Logic “0” Input Voltage (Output =
LO)
VIH
2.2
-
-
V
Logic “1” Input Voltage (Output =
HI)
VIL
-
-
0.8
V
Logic “0” Fault Clear Input Voltage
VFCLR,IH
2.2
-
-
V
Logic “1” Fault Clear Input Voltage
VFCLR,IL
-
-
0.8
V
SD Input Positive Going Threshold
VSD,TH+
-
1.8
-
V
SD Input Negative Going Threshold
VSD,TH-
-
1.5
-
V
ITRIP
Input
Positive
Going
Threshold
VIT,TH+
-
0.485
-
V
ITRIP
Input
Negative
Going
Threshold
VIT,TH-
-
0.400
-
V
Quiescent VCC Supply Current
VIN = 0V, or 5V
IQCC
-
4
-
mA
Supply
Under
Voltage
Positive
Going Threshold
VCCIUV+
VBSIUV+
-
10.4
-
V
Supply Under Voltage Negative
Going Threshold
VCCIUV-
VBSIUV-
-
9.4
-
V
Output High Short Circuit Pulsed
Current
VOUT = 0V,
VIN = 0V,
tp < 10
µsec
IO+
200
250
-
mA
Output Low Short Circuit Pulsed
Current
VOUT = 0V,
VIN = 0V,
tp < 10
µsec
IO-
420
500
-
mA
SHD830004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com