Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHD852002 Datasheet(PDF) 2 Page - Sensitron

Part # SHD852002
Description  12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD852002 Datasheet(HTML) 2 Page - Sensitron

  SHD852002 Datasheet HTML 1Page - Sensitron SHD852002 Datasheet HTML 2Page - Sensitron SHD852002 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
•221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798•
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 273, REV. B
ELECTRICAL CHARACTERISTICS (Continued)
T
A
= -55
°C to +125°C with 4.5V ≤ V
S ≤ 18V otherwise specified.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
Output Resistance, Output Low, (IOUT = 10mA, Vs = 18V)
RO
-
0.8
2.2
Ohms
Output Resistance, Output High, (IOUT = 10mA, Vs = 18V)
RO
-
1.3
2.2
Ohms
Rise Time, (CL = 15,00 pF)
tR
-
23
50
ns
Fall Time, (CL = 15,000 pF)
tF
-
30
60
ns
Delay Time
td1
-
20
40
ns
Delay Time
td2
-
40
80
ns
Power Supply Current, (VIN = 3.0V)
(VIN = 0V)
IS
-
-
0.6
0.1
3.0
0.4
mA
mA
Operating Input Voltage
VS
4.5
-
18
Volts
MECHANICAL DIMENSIONS: in Inches
Tolerance +/- .010 except where noted
PINOUT TABLE
SHD852002
DEVICE
TYPE
Pin- 1
Pin-2
Pin-3
Pin-4
Pin-5
Pin-6
Pin-7
Pin-8
Pin-9
Pin-10
VS1
Input 1
N/C
Gnd 1
Gnd 2
Output 2
Output 2
VS2
VS2
Input 2
MOSFET
PIN-11
PIN-12
PIN-13
PIN-14
PIN-15
PIN-16
CERPACK-16
N/C
Gnd 2
Gnd 1
Output 1
Output 1
VS1
-
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com