Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1004MP Datasheet(PDF) 1 Page - Advanced Power Technology

Part # 1004MP
Description  4 Watts, 35 Volts Pulsed Avionics, 960 to 1215 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1004MP Datasheet(HTML) 1 Page - Advanced Power Technology

  1004MP Datasheet HTML 1Page - Advanced Power Technology 1004MP Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1004MP
4 Watts, 35 Volts
Pulsed Avionics, 960 to 1215 MHz
GENERAL DESCRIPTION
The 1004MP is a COMMON BASE transistor capable of providing 4 Watts of
Pulsed, RF output power in the band 960 to 1215 MHz. This transistor is
specifically designed for pulsed Avionics amplifier applications. It utilizes gold
metalization and low thermal resistance packaging to provide high reliability
and supreme ruggedness.
CASE OUTLINE
55FW-1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C
7 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
50 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
300 mA
Maximum Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX UNITS
Pout
Power Output
F = 1090 MHz
4.0
4.5
W
Pin
Power Input
Vcc = 35 Volts
0.5
W
Pg
Power Gain
PW = 10
µs, DF = 1%
7.0
9.0
dB
ηc
Collector Efficiency
40
45
%
VSWR
Load Mismatch Tolerance
30:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 1 mA
3.5
V
BVces
Collector to Emitter Breakdown Ic = 10 mA
50
V
hFE
DC – Current Gain
Vce = 5V, Ic = 100 mA
20
Cob
Capacitance
Vcb = 28V, f =1 MHz
3.3
5.0
pF
θjc1
Thermal Resistance
25
°C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.


Similar Part No. - 1004MP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1004 MACOM-1004 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
DUAL THRU HOLE
logo
Abbatron All Rights Res...
1004 ABBATRON-1004 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Marquardt Management SE
1004 MARQUARDT-1004 Datasheet
547Kb / 5P
SERIES 1004 / 1005 / 1006 - ENCLOSED SNAP ACTION SWITCHES
logo
List of Unclassifed Man...
1004-TCB1D434 ETC2-1004-TCB1D434 Datasheet
1Mb / 12P
WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - 1004MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Advanced Power Technolo...
1002MP ADPOW-1002MP Datasheet
179Kb / 2P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
1002MP MICROSEMI-1002MP Datasheet
128Kb / 3P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
JTDB25 MICROSEMI-JTDB25 Datasheet
187Kb / 3P
25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
TAN500 MICROSEMI-TAN500 Datasheet
348Kb / 5P
500 Watts, 50 Volts Pulsed Avionics 960 to 1215 MHz
1002MP MICROSEMI-1002MP_10 Datasheet
139Kb / 3P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com