Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1011LD200 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1011LD200
Description  200 Watts, 32 Volts Pulsed Avionics 1030 to 1090 MHz LDMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1011LD200 Datasheet(HTML) 2 Page - Advanced Power Technology

  1011LD200 Datasheet HTML 1Page - Advanced Power Technology 1011LD200 Datasheet HTML 2Page - Advanced Power Technology 1011LD200 Datasheet HTML 3Page - Advanced Power Technology 1011LD200 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1011LD200
Load Power vs. Drive Power
1030 MHz (typical)
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
PD (W)
Load Power vs. Drive Power
1090 MHz (typical)
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
PD (W)
Drain Efficiency vs. Load Power
1090 MHz (typical)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
50
100
150
200
250
PL (W)
Return Loss vs. Load Power
1090 MHz (typical)
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
0
50
100
150
200
250
PL (W)
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com