Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7468 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 17Page - Analog Devices ADT7468 Datasheet HTML 18Page - Analog Devices ADT7468 Datasheet HTML 19Page - Analog Devices ADT7468 Datasheet HTML 20Page - Analog Devices ADT7468 Datasheet HTML 21Page - Analog Devices ADT7468 Datasheet HTML 22Page - Analog Devices ADT7468 Datasheet HTML 23Page - Analog Devices ADT7468 Datasheet HTML 24Page - Analog Devices ADT7468 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
ADT7468
Rev. 0 | Page 21 of 80
Temperature Measurement Limit Registers
Associated with each temperature measurement channel are
high and low limit registers. Exceeding the programmed high or
low limit causes the appropriate status bit to be set. Exceeding
either limit can also generate SMBALERT interrupts.
Reg. 0x4E, Remote 1 Temperature Low Limit = 0x01 default
Reg. 0x4F, Remote 1 Temperature High Limit = 0x7F default
Reg. 0x50, Local Temperature Low Limit = 0x01 default
Reg. 0x51, Local Temperature High Limit = 0x7F default
Reg. 0x52, Remote 2 Temperature Low Limit = 0x01 default
Reg. 0x53, Remote 2 Temperature High Limit = 0x7F default
Reading Temperature from the ADT7468
It is important to note that temperature can be read from the
ADT7468 as an 8-bit value (with 1°C resolution) or as a 10-bit
value (with 0.25°C resolution). If only 1°C resolution is
required, the temperature readings can be read back at any
time and in no particular order.
If the 10-bit measurement is required, this involves a 2-register
read for each measurement. The extended resolution register
(Reg. 0x77) should be read first. This causes all temperature
reading registers to be frozen until all temperature reading
registers have been read from. This prevents an MSB reading
from being updated while its two LSBs are being read and
vice versa.
ADDITIONAL ADC FUNCTIONS FOR
TEMPERATURE MEASUREMENT
A number of other functions are available on the ADT7468 to
offer the system designer increased flexibility.
Turn-Off Averaging
For each temperature measurement read from a value register,
16 readings have actually been made internally and the results
averaged before being placed into the value register. Sometimes
it is necessary to take a very fast measurement. Setting Bit 4 of
Configuration Register 2 (Reg. 0x73) turns averaging off.
Table 8. Conversion Time with Averaging Disabled
Channel
Measurement Time
Voltage Channels
0.7 ms
Remote Temperature 1
7 ms
Remote Temperature 2
7 ms
Local Temperature
1.3 ms
Table 9. Conversion Time with Averaging Enabled
Channel
Measurement Time
Voltage Channels
11 ms
Remote Temperature
39 ms
Local Temperature
12 ms
Single-Channel ADC Conversions
Setting Bit 6 of Configuration Register 2 (Reg. 0x73) places the
ADT7468 into single-channel ADC conversion mode. In this
mode, the ADT7468 can be made to read a single temperature
channel only. The appropriate ADC channel is selected by
writing to Bits <7:5> of the TACH1 minimum high byte register
(0x55).
Table 10. Channel Selection
Bits <7:5> Reg. 0x55
Channel Selected
101
Remote 1 temperature
110
Local temperature
111
Remote 2 temperature
Configuration Register 2 (Reg. 0x73)
<4> = 1,
averaging off.
<6> = 1,
single-channel convert mode.
TACH1 Minimum High Byte (Reg. 0x55)
<7:5>
selects ADC channel for single-channel convert mode.
Overtemperature Events
Overtemperature events on any of the temperature channels can
be detected and dealt with automatically in automatic fan speed
control mode. Register 0x6A to Register 0x6C are the THERM
temperature limits. When a temperature exceeds its THERM
temperature limit, all PWM outputs run at the maximum PWM
duty cycle (Reg. 0x38, Reg. 0x39, and Reg. 0x3A). This
effectively runs the fans at the fastest allowed speed. The fans
stay running at this speed until the temperature drops below
THERM minus hysteresis. (This can be disabled by setting the
boost bit in Configuration Register 3, Bit 2, Reg. 0x78.) The
hysteresis value for that THERM temperature limit is the value
programmed into Reg. 0x6D and Reg. 0x6E (hysteresis
registers). The default hysteresis value is 4°C.
FANS
TEMPERATURE
100%
HYSTERESIS (°C)
THERM LIMIT
Figure 27. THERM Temperature Limit Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com