Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1214-150L Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1214-150L
Description  150 Watts, 36 Volts, 5 ms, 20% Radar 1200 to 1400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-150L Datasheet(HTML) 2 Page - Advanced Power Technology

  1214-150L Datasheet HTML 1Page - Advanced Power Technology 1214-150L Datasheet HTML 2Page - Advanced Power Technology 1214-150L Datasheet HTML 3Page - Advanced Power Technology 1214-150L Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1214-150lR2
ADVANCED POWER TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT
VERSION PLEASE CHECK OUR WEB SITE AT
WWW. ADVANCEDPOWER.COM OR CONTACT OUR FACTORY DIRECT.
Advanced Power Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
1214-150L
Performance Curves
Typical Impedances
Impedanc
e
Freq
Zs
Zl
1200
3.9-j1.2
2.8-j1.5
1300
2.77-j1.24
2.02-j1.7
1400
2.0-j0.8
2.02-j1.7
Power Output vs Power Input
Lot G2740-7, Fix 6157
Vcc=36V, 5ms, 20%, s/n 7-15, 09/09/03
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
Pin (W)
1200 MHz
1300 MHz
1400 MHz
Series Load Impedance Vs Frequency
Vcc= 36Volts, Pout = 150W, 5 ms, 20%
0
0.5
1
1.5
2
2.5
3
1200
1250
1300
1350
1400
Frequency
-3
-2.5
-2
-1.5
-1
-0.5
0
Rl
JXl
Series Input Impedance vs Frequency
Vcc = 36 Volts, Pout = 150W, 5 ms, 20%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1150
1200
1250
1300
1350
1400
1450
Frequency
0
1
2
3
4
5
Rin
jXin
Power Gain and Efficiency vs Frequency
Vcc = 36 V, Pout = 150W, 5 ms, 20%
0
2
4
6
8
10
12
1200
1250
1300
1350
1400
Frequency MHz
0
10
20
30
40
50
60
70
Pgain
Efficiency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com