Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1214-370M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 1214-370M
Description  370 Watts - 50 Volts, 330 ms, 10% Radar 1200 - 1400 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-370M Datasheet(HTML) 2 Page - Advanced Power Technology

  1214-370M Datasheet HTML 1Page - Advanced Power Technology 1214-370M Datasheet HTML 2Page - Advanced Power Technology 1214-370M Datasheet HTML 3Page - Advanced Power Technology 1214-370M Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1214-370MR4
APT-RF, Inc. reserves the right to make changes without further notice. APT-RF recommends that before the product(s) described herein are written into
specifications, or used in critical applications, that the performance characteristics be verified by contacting the factory.
APT-RF, Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 TEL. 408-986-8031 FAX 408-869-2324
.
1214-370M
Performance Curves
1214-370M
Power Out vs Pin
0
50
100
150
200
250
300
350
400
450
25
35
40
50
63
Power Input
Pout 1200 MHz
Pout 1300 MHz
Pout 1400 MHz
1214-370M
Efficiency vs Power Input
0
10
20
30
40
50
60
70
80
25
35
40
50
63
Power Input - Watts
1200 MHz
1300 MHz
1400 MHz
1214-370M
Power Gain vs Power Input
7
7.5
8
8.5
9
9.5
10
25
35
40
50
63
Power Input - Watts
1200 MHz
1300 MHz
1400 MHz
Impedance Information
Output
Matching
Circuit
Input
Matching
Circuit
50 Ohms
50 Ohms
ZSource
ZLoad
Impedance
Freq
Zs
Zl
1200
1.75-j2.23
1.52-j2.11
1300
1.75-j1.63
1.36-j1.97
1400
1.76-j1.19
1.13-j1.77
Board Material RT 6010.5 LM 25 Mil
TRL Measurement



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com