Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL502B2 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APL502B2
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL502B2 Datasheet(HTML) 1 Page - Advanced Power Technology

  APL502B2 Datasheet HTML 1Page - Advanced Power Technology APL502B2 Datasheet HTML 2Page - Advanced Power Technology APL502B2 Datasheet HTML 3Page - Advanced Power Technology APL502B2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Current 2 (V
DS
> I
D
(ON) x R
DS
(ON) Max, V
GS
= 12V)
Drain-Source On-State Resistance
2 (V
GS
= 12V, 29A)
Zero Gate Voltage Drain Current (V
DS
= 500V, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 400V, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage
(V
DS
= V
GS
, I
D
= 2.5mA)
MIN
TYP
MAX
500
58
0.09
25
250
±100
24
UNIT
Volts
Amps
Ohms
µA
nA
Volts
Symbol
BV
DSS
I
D
(ON)
R
DS
(ON)
I
DSS
I
GSS
V
GS
(TH)
APT Website - http://www.advancedpower.com
LINEAR MOSFET
Linear Mosfets are optimized for applications operating in the Linear
region where concurrent high voltage and high current can occur at
near DC conditions (>100 msec).
• Higher FBSOA
• Higher Power Dissipation
• Popular T-MAX™ or TO-264 Package
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1
(Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
APL502B2-L
500
58
232
±30
±40
730
5.84
-55 to 150
300
58
50
3000
T-MAX™
TO-264
B2
APL502B2
APL502L
500V
58A 0.090
Ω
Ω
Ω
Ω
Ω
G
D
S
L


Similar Part No. - APL502B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APL502B2 MICROSEMI-APL502B2 Datasheet
145Kb / 4P
LINEAR MOSFET
APL502B2G MICROSEMI-APL502B2G Datasheet
145Kb / 4P
LINEAR MOSFET
More results

Similar Description - APL502B2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL502J ADPOW-APL502J Datasheet
74Kb / 4P
LINEAR MOSFET
logo
Microsemi Corporation
APTML10UM09R004T1AG MICROSEMI-APTML10UM09R004T1AG Datasheet
102Kb / 3P
Linear MOSFET Power Module
APTML20UM18R010T1AG MICROSEMI-APTML20UM18R010T1AG Datasheet
111Kb / 3P
Linear MOSFET Power Module
APTML60U12R020T1AG MICROSEMI-APTML60U12R020T1AG Datasheet
103Kb / 3P
Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG Datasheet
102Kb / 3P
Linear MOSFET Power Module
APTML102UM09R004T3AG MICROSEMI-APTML102UM09R004T3AG Datasheet
98Kb / 3P
Linear MOSFET Power Module
APTML202UM18R010T3AG MICROSEMI-APTML202UM18R010T3AG Datasheet
98Kb / 3P
Linear MOSFET Power Module
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
Linear MOSFET Power Module
APL502B2 MICROSEMI-APL502B2 Datasheet
145Kb / 4P
LINEAR MOSFET
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG_10 Datasheet
99Kb / 3P
Linear MOSFET Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com