Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL502L Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APL502L
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL502L Datasheet(HTML) 2 Page - Advanced Power Technology

  APL502L Datasheet HTML 1Page - Advanced Power Technology APL502L Datasheet HTML 2Page - Advanced Power Technology APL502L Datasheet HTML 3Page - Advanced Power Technology APL502L Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
APL502B2-L
Symbol
C
iss
C
oss
C
rss
t
d
(on)
t
r
t
d
(off)
t
f
MIN
TYP
MAX
7485
9000
1290
1810
617
930
13
26
27
54
56
84
16
20
UNIT
pF
ns
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 15V
V
DD
= 250V
I
D
= 29A @ 25°C
R
G
= 0.6
Ω
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
THERMAL CHARACTERISTICS
Characteristic
Junction to Case
Junction to Ambient
Symbol
RθJC
RθJA
MIN
TYP
MAX
.17
40
UNIT
°C/W
1 Repetitive Rating: Pulse width limited by maximum junction
3 See MIL-STD-750 Method 3471
temperature.
4 Starting Tj = +25°C, L = 1.78mH, RG = 25Ω, Peak IL = 58A
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
0.5
0.1
0.3
0.7
0.9
0.05
SINGLE PULSE
FIGURE 1a, TRANSIENT THERMAL IMPEDANCE MODEL
0.0602
0.109
0.0158F
0.305F
Power
(Watts)
RC MODEL
Junction
temp. ( ”C)
Case temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com